Electronic Components Datasheet Search |
|
RBC2725 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
RBC2725 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page How to Order Shock Absorber Series RB Specifications RB0805 RBC0805 0.98 5 80 245 1.96 3.83 15 16 RB0806 RBC0806 2.94 6 80 245 1.96 4.22 15 16 RB1006 RBC1006 3.92 6 70 422 4.22 6.18 23 25 RB1007 RBC1007 5.88 7 70 422 4.22 6.86 23 25 RB1411 RBC1411 14.7 11 45 814 6.86 15.30 65 70 RB1412 RBC1412 19.6 12 45 814 6.86 15.98 65 70 RB2015 RBC2015 58.8 15 25 1961 8.34 20.50 150 165 RB2725 RBC2725 147 25 10 2942 8.83 20.01 350 400 0.05 to 5.0 –10 to 80 (No freezing) Basic type With cap Extended Retracted Basic type With cap Weight (g) Max. energy absorption (J) Stroke absorption (mm) Collision speed (m/s) Max. operating frequency ∗ (cycle/min) Max. allowable thrust (N) Ambient temperature range ( °C) Model Specifications RB RBC C C 14 12 08 Cushion Nil C Basic type With cap Nil S J Applicable model 08 10 14 RBC0805, 0806 RBC1006, 1007 RBC1411, 1412 20 27 RBC2015 RBC2725 Option O.D thread—Stroke absorption Replacement part no./Cap (Resin part only) Cap Cap cannot be mounted for basic type. Please place an order with cap type from the beginning. Spring force (N) None With stopper nut Add’l 1 hex. nut (Total: 3 pcs. ∗) ∗ It denotes the values at the maximum energy absorption per one cycle. Max. operation cycle/min can increase in proportion to energy absorption. ∗ 2 mounting hexagon nuts are attached as standard. Component Parts No. q w e r t y u i o !0 !1 !2 !3 !4 !5 !6 !7 Material Rolled steel Special steel Special steel Special steel Special bearing material Carbon steel Copper Piano wire Copper alloy Carbon steel Bearing steel Special steel NBR NBR NBR NBR NBR Treatment Gray coated Heat treated Electroless nickel plated Heat treated Zinc chromated Zinc chromated Zinc chromated Foam rubber Only RB(C)2015, 2725 Description Outer tube Inner tube Piston rod Piston Bearing Spring guide Lock ring Return spring Seal holder Stopper Steel ball Set screw Accumulator Rod seal Scraper Gasket Gasket Basic type With cap Construction Extended Compressed 10-18-2 |
Similar Part No. - RBC2725 |
|
Similar Description - RBC2725 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |