Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB27-X331 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RB27-X331
Description  Absorbing impact and noise
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB27-X331 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RB27-X331 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB27-X331 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(Operating pressure 0.5 MPa) (J)
Operating pressure
(MPa)
Coefficient
0.9
1.8
0.8
1.6
0.7
1.4
0.6
1.2
0.5
1.0
0.4
0.8
0.3
0.6
0.2
0.4
0.1
0.2
Model
12
15
25
11
7
6
5
0.071
0.196
0.442
0.785
1.23
2.01
3.14
4.91
7.79
12.6
19.6
30.7
38.5
50.3
63.6
78.5
123
177
0.085
0.236
0.530
0.942
1.47
2.41
3.77
5.89
9.35
15.1
23.6
36.8
46.2
60.3
76.3
94.2
147
212
0.099
0.274
0.619
1.10
1.72
2.81
4.40
6.87
10.9
17.6
27.5
43.0
53.9
70.4
89.1
110
172
247
0.156
0.432
0.972
1.73
2.70
4.42
6.91
10.8
17.1
27.6
43.2
67.5
84.7
111
140
173
270
389
0.170
0.471
1.06
1.88
2.95
4.83
7.54
11.8
18.7
30.2
47.1
73.6
92.4
121
153
188
295
424
0.212
0.589
1.33
2.36
3.68
6.03
9.42
14.7
23.4
37.7
58.9
92.0
115
151
191
236
368
530
0.353
0.982
2.21
3.93
6.14
10.1
15.7
24.5
39.0
62.8
98.2
153
192
251
318
393
614
884
6
10
15
20
25
32
40
50
63
80
100
125
140
160
180
200
250
300
Stroke absorption
(mm)
RB
„2725
RB
„2015
RB
„1412
RB
„1411
RB
„1007
RB
„0806
RB
„1006
RB
„0805
4
0.057
0.157
0.353
0.628
0.981
RB0604
0.1
0.01
0.05
0.5
0.1
1
5
Load mass (kg)
Load mass (kg)
RB0604
RB
„0805 to 2725
1676
Data B
Thrust Energy of Cylinder F1·S
í Operating pressure other than 0.5 MPa:
Multiply by the following coefficient.
Data C
Thrust Energy at Load m·g·s
Data D
Corresponding Mass of
Impacting Object Me
Collision speed
υ (m/s)
The graph of corresponding mass of impacting
object: At room temperature (20 to 25
°C)
Series
RB
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1676


Similar Part No. - RB27-X331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB2725 ETC2-RB2725 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB27J ETC2-RB27J Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB27S ETC2-RB27S Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
More results

Similar Description - RB27-X331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
T-Global Technology
TG-FAM TGLOBAL-TG-FAM Datasheet
864Kb / 4P
   Flexible Absorbing Material
20230721
logo
NXP Semiconductors
SAA7346 PHILIPS-SAA7346 Datasheet
113Kb / 24P
   Shock absorbing RAM addresser
July 1994
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
   Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
P4000SC LEIDITECH-P4000SC Datasheet
281Kb / 3P
   Excellent xapability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
   Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com