Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAC0000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PSAC0000
Description  MODEL PSAC - 3-WIRE INDUCTIVE PROXIMITY SENSOR WITH CURRENT SINK OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSAC0000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PSAC0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSAC0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTIONS
This sensor is ideal for generating switch-contact count signals from passing
steel or iron castings, weldments, stampings, “Tin-cans”, pulley spokes, etc. A
flux-field, generated by internal permanent magnets is arranged to hold the
SPDT switch contact in the N.C. position. When an external mass of magnetic
material (target) approaches the sensing area, it shunts away a part of this field,
causing the switch contact to transfer to the N.O. position. The distance, at
which this occurs, is called the “Sensing Distance” and it depends on the size,
shape and thickness of the ferrous target. The curve below shows variation of
sensing distance with target area of steel plate, 0.1" or more in thickness. For
very thin sheet steel (0.01" to 0.02") derate sensing distance by 50%. Once the
N.O. switch transfer is made, the target must move away approximately 2 times
the sensing distance to re-establish the original N.C. contact closure.
These switches can be operated at speeds up to 60 counts/sec and have a life
rating of 2-billion operations when used in low-current, low-voltage electronic
counting applications. Operating temperature range is -50° to +120°C.
MAGNETIC PROXIMITY SWITCH - RESPONDS TO FERROUS METALS &
REQUIRES NO EXTERNAL POWER & RUGGED, FOR HOSTILE ENVIRONMENTS
DIMENSIONS [In inches (mm)]
SPECIFICATIONS
1. *SWITCH CONTACT RATING: 1250 watts max.; 120, 240, 480, 600
VAC; 10 cps resistive load.
2. RESPONSE TIME: 8 msec.
3. REPEATABILITY: 0.002" Typical
4. LIFE: Tested to mechanical and electrical life of over 2 billion cycles.
(Actual life varies with electrical load.)
5. OPERATING TEMPERATURE RANGE: -50°C to +120°C (-60°F to
+250°F)
* - Derate at higher cycle rates, inductive loads and for DC uses.
Red Lion Controls
20 Willow Springs Circle
York PA 17402
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls Asia
31, Kaki Bukit Road 3,
#06-04/05 TechLink
Singapore 417818
Tel +65 6744-6613
Fax +65 6743-3360
Red Lion Controls BV
Basicweg 11b
NL - 3821 BR Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
MODEL NO.
DESCRIPTION
PART NUMBER
MPS
4100600
Note: The MPS is also available in an explosion-proof version with certain
agency approvals on a special order basis. Contact your distributor for
prices and delivery.
Magnetic Proximity Switch
LIMITED WARRANTY
The Company warrants the products it manufactures against defects in materials and workmanship
for a period limited to one year from the date of shipment, provided the products have been stored,
handled, installed, and used under proper conditions. The Company’s liability under this limited
warranty shall extend only to the repair or replacement of a defective product, at The Company’s
option. The Company disclaims all liability for any affirmation, promise or representation with
respect to the products.
The customer agrees to hold Red Lion Controls harmless from, defend, and indemnify RLC against
damages, claims, and expenses arising out of subsequent sales of RLC products or products
containing components manufactured by RLC and based upon personal injuries, deaths, property
damage, lost profits, and other matters which Buyer, its employees, or sub-contractors are or may be
to any extent liable, including without limitation penalties imposed by the Consumer Product Safety
Act (P.L. 92-573) and liability imposed upon any person pursuant to the Magnuson-Moss Warranty
Act (P.L. 93-637), as now in effect or as amended hereafter.
No warranties expressed or implied are created with respect to The Company’s products except those
expressly contained herein. The Customer acknowledges the disclaimers and limitations contained
herein and relies on no other warranties or affirmations.
ORDERING INFORMATION


Similar Part No. - PSAC0000

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC05A-050L6 PHIHONG-PSAC05A-050L6 Datasheet
3Mb / 3P
   5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
PSAC05A-050L6B PHIHONG-PSAC05A-050L6B Datasheet
3Mb / 3P
   5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
PSAC05A-050L6M PHIHONG-PSAC05A-050L6M Datasheet
3Mb / 3P
   5W Low Cost Linear Eliminator PSAC05 Adapters Meets Level VI Requirements
PSAC05R-050 PHIHONG-PSAC05R-050 Datasheet
138Kb / 3P
   5W Interchangeable Plug Series
PSAC05R-050L6 PHIHONG-PSAC05R-050L6 Datasheet
191Kb / 3P
   5 Watt Interchangeable Plug Series PSAC05R Adapter
More results

Similar Description - PSAC0000

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
   Inductive Proximity Sensor
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
Panasonic Semiconductor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
   Compact Inductive Proximity Sensor
logo
Omron Electronics LLC
E2EZ-X4D1-R OMRON-E2EZ-X4D1-R Datasheet
840Kb / 9P
   Chip-immune Inductive Proximity Sensor
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com