Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-458CB647 Datasheet(PDF) 10 Page - NEC

Part # MC-458CB647
Description  8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-458CB647 Datasheet(HTML) 10 Page - NEC

Back Button MC-458CB647 Datasheet HTML 6Page - NEC MC-458CB647 Datasheet HTML 7Page - NEC MC-458CB647 Datasheet HTML 8Page - NEC MC-458CB647 Datasheet HTML 9Page - NEC MC-458CB647 Datasheet HTML 10Page - NEC MC-458CB647 Datasheet HTML 11Page - NEC MC-458CB647 Datasheet HTML 12Page - NEC MC-458CB647 Datasheet HTML 13Page - NEC MC-458CB647 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet M14279EJ3V0DS00
10
MC-458CB647
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written into
80H
1
0000
00
0
128 bytes
serial PD memory
1
Total number of bytes of serial PD memory
08H
0
0001
00
0
256 bytes
2
Fundamental memory type
04H
0
0000
10
0
SDRAM
3
Number of rows
0CH
0
0001
10
0
12 rows
4
Number of columns
09H
0
0001
00
1
9 columns
5
Number of banks
01H
0
0000
00
1
1 bank
6
Data width
40H
0
1000
00
0
64 bits
7
Data width (continued)
00H
0
0000
00
0
0
8
Voltage interface
01H
0
0000
00
1
LVTTL
9
CL = 3 Cycle time
75H
0
1110
10
1
7.5 ns
10
CL = 3 Access time
54H
0
1010
10
0
5.4 ns
11
DIMM configuration type
00H
0
0000
00
0
Non-parity
12
Refresh rate/type
80H
1
0000
00
0
Normal
13
SDRAM width
10H
0
0010
00
0
×16
14
Error checking SDRAM width
00H
0
0000
00
0
None
15
Minimum clock delay
01H
0
0000
00
1
1 clock
16
Burst length supported
8FH
1
0001
11
1
1, 2, 4, 8, F
17
Number of banks on each SDRAM
04H
0
0000
10
0
4 banks
18
/CAS latency supported
06H
0
0000
11
0
2,3
19
/CS latency supported
01H
0
0000
00
1
0
20
/WE latency supported
01H
0
0000
00
1
0
21
SDRAM module attributes
00H
0
0000
00
0
22
SDRAM device attributes : General
0EH
0
0001
11
0
23
CL = 2 Cycle time
A0H
1
0100
00
0
10 ns
24
CL = 2 Access time
60H
0
1100
00
0
6 ns
25-26
00H
0
0000
00
0
27
tRP(MIN.)
14H
0
0010
10
0
20 ns
28
tRRD(MIN.)
0FH
0
0001
11
1
15 ns
29
tRCD(MIN.)
14H
0
0010
10
0
20 ns
30
tRAS(MIN.)
2DH
0
0101
10
1
45 ns
31
Module bank density
10H
0
0010
00
0
64M bytes
5
5
5
5
5


Similar Part No. - MC-458CB647

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647EFA-A75 ELPIDA-MC-458CB647EFA-A75 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647PFA-A75 ELPIDA-MC-458CB647PFA-A75 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647XFA-A75 ELPIDA-MC-458CB647XFA-A75 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-458CB647

ManufacturerPart #DatasheetDescription
logo
NEC
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB646 ELPIDA-MC-458CB646 Datasheet
149Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CA726 NEC-MC-458CA726 Datasheet
207Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com