Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-458CA726PFB-A10 Datasheet(PDF) 9 Page - NEC

Part # MC-458CA726PFB-A10
Description  8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-458CA726PFB-A10 Datasheet(HTML) 9 Page - NEC

Back Button MC-458CA726PFB-A10 Datasheet HTML 5Page - NEC MC-458CA726PFB-A10 Datasheet HTML 6Page - NEC MC-458CA726PFB-A10 Datasheet HTML 7Page - NEC MC-458CA726PFB-A10 Datasheet HTML 8Page - NEC MC-458CA726PFB-A10 Datasheet HTML 9Page - NEC MC-458CA726PFB-A10 Datasheet HTML 10Page - NEC MC-458CA726PFB-A10 Datasheet HTML 11Page - NEC MC-458CA726PFB-A10 Datasheet HTML 12Page - NEC MC-458CA726PFB-A10 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet M13050EJ7V0DS00
9
MC-458CA726
Asynchronous Characteristics
Parameter
Symbol
-A 80
-A 10
Unit
Note
MIN.
MAX.
MIN.
MAX.
REF to REF/ACT command period
tRC
70
70
ns
ACT to PRE command period
tRAS
48
120,000
50
120,000
ns
PRE to ACT command period
tRP
20
20
ns
Delay time ACT to READ/WRITE command
tRCD
20
20
ns
ACT(one) to ACT(another) command period
tRRD
16
20
ns
Data-in to PRE command period
tDPL
810
ns
Data-in to ACT(REF) command period
/CAS latency = 3
tDAL3
1CLK+20
1CLK+20
ns
(Auto precharge)
/CAS latency = 2
tDAL2
1CLK+20
1CLK+20
ns
Mode register set cycle time
tRSC
22
CLK
Transition time
tT
0.5
30130
ns
Refresh time (4,096 refresh cycles)
tREF
64
64
ms


Similar Part No. - MC-458CA726PFB-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CA726PFB-A10 ELPIDA-MC-458CA726PFB-A10 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-458CA726PFB-A10

ManufacturerPart #DatasheetDescription
logo
NEC
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB646 ELPIDA-MC-458CB646 Datasheet
149Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-454AC724 NEC-MC-454AC724 Datasheet
660Kb / 12P
   4M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com