Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-458CA721PSA-A10 Datasheet(PDF) 5 Page - NEC

Part # MC-458CA721PSA-A10
Description  8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-458CA721PSA-A10 Datasheet(HTML) 5 Page - NEC

  MC-458CA721PSA-A10 Datasheet HTML 1Page - NEC MC-458CA721PSA-A10 Datasheet HTML 2Page - NEC MC-458CA721PSA-A10 Datasheet HTML 3Page - NEC MC-458CA721PSA-A10 Datasheet HTML 4Page - NEC MC-458CA721PSA-A10 Datasheet HTML 5Page - NEC MC-458CA721PSA-A10 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet M14494EJ2V0DS00
5
MC-458CA721ESA, 458CA721PSA
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 100
µs and then, execute power on sequence and CBR (Auto) refresh before proper
device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Voltage on power supply pin relative to GND
VCC
–0.5 to +4.6
V
Voltage on input pin relative to GND
VT
–0.5 to +4.6
V
Short circuit output current
IO
50
mA
Power dissipation
PD
5W
Operating ambient temperature
TA
0 to 70
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
High level input voltage
VIH
2.0
VCC + 0.3
V
Low level input voltage
VIL
–0.3
+0.8
V
Operating ambient temperature
TA
070
°C
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI1
A0 - A11, BA0(A13), BA1(A12),
/RAS, /CAS, /WE
17
34
pF
CI2
CLK0
23
37
CI3
CKE0
18
30
CI4
/CS0
18
30
CI5
DQMB0 - DQMB7
5
16.5
Data input/output capacitance
CI/O
DQ0 - DQ63, CB0 - CB7
5
13
pF


Similar Part No. - MC-458CA721PSA-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CA721PSA-A10 ELPIDA-MC-458CA721PSA-A10 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results

Similar Description - MC-458CA721PSA-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CA721ESA ELPIDA-MC-458CA721ESA Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V8AB642KS ELPIDA-MC-45V8AB642KS Datasheet
150Kb / 16P
   8M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com