Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1836 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SK1836
Description  Silicon N-Channel MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1836 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SK1836 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 9Page - Hitachi Semiconductor 2SK1836 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2SK1836, 2SK1837
6
Reverse Drain Current I
(A)
DR
0.5
1
2
5
10
20
50
10
20
50
100
200
500
1000
di / dt = 100 A / s
V
= 0, Ta = 25°C
µ
GS
Body to Drain Diode Reverse
Recovry Time
Drain to Source Voltage V
(V)
DS
010
20
30
40
50
10
100
1000
10000
V
= 0
f = 1 MHz
GS
Typical Capacitance
vs. Drain to Source Voltage
Ciss
Ciss
Crss
Gate Charge
g (nc)
Q
0
80
160
240
320
400
100
200
300
400
500
0
4
8
12
16
20
250 V
400 V
250 V
100 V
VDS
GS
V
= 100 V
DD
V
= 400 V
DD
V
I = 50 A
D
Dynamic Input Characteristics
V
= 10 V,V
30 V
PW = 2 s, duty
1 %
GS
µ
=
.
.
DD
Drain Current I (A)
0.5
1
25
10
20
50
50
100
200
500
1000
2000
5000
D
td (off)
tf
tr
td (on)
Switching Characteristics


Similar Part No. - 2SK1836

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1836 ISC-2SK1836 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1836

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com