Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJA334M035RNJ Datasheet(PDF) 11 Page - AVX Corporation

Part # TAJA334M035RNJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJA334M035RNJ Datasheet(HTML) 11 Page - AVX Corporation

Back Button TAJA334M035RNJ Datasheet HTML 4Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 5Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 6Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 7Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 8Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 9Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 10Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 11Page - AVX Corporation TAJA334M035RNJ Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
16
APRIL 2014
TAJ Automotive Range
Standard Tantalum - Automotive Product Range
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJD226*035TNJV
D
22
35
85
23
125
7.7
6
0.9
3
408
367
163
TAJE226*035TNJV
E
22
35
85
23
125
7.7
6
0.5
3
574
517
230
TAJE336*035TNJV
E
33
35
85
23
125
11.6
6
0.9
3
428
385
171
50 Volt @ 85°C
TAJA224*050TNJ
A
0.22
50
85
33
125
0.5
4
18
1
65
58
26
TAJA334*050TNJ
A
0.33
50
85
33
125
0.5
4
17
1
66
60
27
TAJA474*050TNJ
A
0.47
50
85
33
125
0.5
4
9.5
1
89
80
36
TAJB474*050TNJ
B
0.47
50
85
33
125
0.7
4
9.5
1
95
85
38
TAJB684*050TNJ
B
0.68
50
85
33
125
0.5
4
8
1
103
93
41
TAJB105*050TNJ
B
1
50
85
33
125
0.5
6
7
1
110
99
44
TAJC105*050TNJ
C
1
50
85
33
125
0.5
4
5.5
1
141
127
57
TAJC155*050TNJ
C
1.5
50
85
33
125
0.8
6
4.5
1
156
141
63
TAJC225*050TNJ
C
2.2
50
85
33
125
1.1
8
2.5
1
210
189
84
TAJD225*050TNJV
D
2.2
50
85
33
125
1.1
6
2.5
3
245
220
98
TAJC335*050TNJ
C
3.3
50
85
33
125
1.6
6
2.5
1
210
189
84
TAJD335*050TNJV
D
3.3
50
85
33
125
1.7
6
2
3
274
246
110
TAJC475*050TNJ
C
4.7
50
85
33
125
0.5
4
1.4
1
280
252
112
TAJD475*050TNJV
D
4.7
50
85
33
125
2.4
6
1.4
3
327
295
131
TAJD685*050TNJV
D
6.8
50
85
33
125
3.4
6
1
3
387
349
155
TAJD106*050TNJV
D
10
50
85
33
125
5
6
0.8
3
433
390
173
TAJE106*050TNJV
E
10
50
85
33
125
5
6
1
3
406
366
162
TAJE156*050TNJV
E
15
50
85
33
125
7.5
6
0.6
3
524
472
210
Moisture Sensitivity Level (MSL) is defined according to J-STD-020
*Please use "U" instead of "T" in the suffix letter for 13'' reel packaging
Please use specific PN for automotive version – see “HOW TO ORDER”.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 202.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TAJA334M035RNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA334M035R AVX-TAJA334M035R Datasheet
74Kb / 6P
   voltage derating in applications
More results

Similar Description - TAJA334M035RNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com