Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T510X686K025ATE045 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T510X686K025ATE045
Description  Capacitor, Tantalum, SMD, MnO2, Molded, Multiple Anodes, Low ESR,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510X686K025ATE045 Datasheet(HTML) 1 Page - Kemet Corporation

  T510X686K025ATE045 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/27/2014 - bc04912d-e958-49a9-9712-f6a7f74c3ced
KEMET Part Number: T510X686K025ATE045
Capacitor, Tantalum, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 68 uF, 7343, +/-10% Tol, 25 V (85C)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
7.30
+/-0.3
W
4.30
+/-0.3
H
4.00
+/-0.3
F
2.40
+/-0.1
S
1.30
+/-0.3
B
0.50
+/-0.15
X
0.10
+/-0.1
P
1.70
REF
R
1.00
REF
T
0.13
REF
A
3.80
MIN
G
3.50
REF
E
3.50
REF
Notes:
-In polarity stripe, at KEMET's option, type may be indicated: no
symbol = Standard (or low leakage) MnO2 tantalum chip, O =
LowESR T494, R = Low ESR T495, F = Fused T496, HT = 150C
rated T498 (or B45196P, B45198P), H = 175C rated T499, H2 =
200C rated T50
General Information
Supplier: KEMET
Brand: Kemet
Application: General Purpose/Low ESR
Sub Application: (MultipleAnode)
Part Type Description: SMD, MnO2, Molded, Multiple
Anodes, Low ESR
Construction: Multiple Anode Chip-MnO2
Body Type: Molded Chip
Termination: Tin
Footprint: 7343
Weight: 430.15 mg
RoHS: Yes
Specifications
Capacitance: 68 uF
Tolerance: +/-10%
Voltage: 25 V (85C)
Voltage: 20.88V (105C)
Voltage: 16.75V (125C)
Temperature Range: -55/+125C
Current/Ripple Current: 2449 mA (25C)
Current/Ripple Current: 2204 mA (85C)
Current/Ripple Current: 980 mA (125C)
Resistance/ESR: 0.045 Ohms (100kHz)
Failure Rate: NA
Leakage Current: 17 uA
Dissipation Factor: 8%
Packaging Specifications
Package Kind: T&R
Package Size: 7in
Package Quantity: 500
© 2006-2014 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T510X686K025ATE045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
T510X6871004AS TI-T510X6871004AS Datasheet
892Kb / 40P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
logo
Kemet Corporation
T510X687K004AGE030 KEMET-T510X687K004AGE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510X687K004AHE030 KEMET-T510X687K004AHE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510X687K004ASE030 KEMET-T510X687K004ASE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510X687K004ATE030 KEMET-T510X687K004ATE030 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T510X686K025ATE045

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530X477M006ATE004 KEMET-T530X477M006ATE004 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR,
T510X227K016ATE040 KEMET-T510X227K016ATE040 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 220 uF, 7343, /-10% Tol, 16 VDC (85C)
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510E687M006ATE012 KEMET-T510E687M006ATE012 Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Large Case, Multi-Anode, Low ESR
T530D157M010ATE006 KEMET-T530D157M010ATE006 Datasheet
77Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 150 uF, 7343, /-20% Tol, 10 VDC (105C)
T530D477M004ATE010 KEMET-T530D477M004ATE010 Datasheet
77Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 470 uF, 7343, /-20% Tol, 4 VDC (105C)
T530X337M010ATE006 KEMET-T530X337M010ATE006 Datasheet
77Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 330 uF, 7343, /-20% Tol, 10 VDC (105C)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com