Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34797-0306 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34797-0306
Description  MX150 Cable Unsealed Male Connector with Ford Style Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34797-0306 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34797-0306 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34797-0306
Status:
Active
Overview:
MX150™ Unsealed Connector System
Description:
MX150™ Cable Unsealed Male Connector with Ford Style Clip, Single Row, 3 Circuits,
Polarization B, Natural
Documents:
3D Model
Product Specification PS-34796-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
34797
Application
Power, Wire-to-Wire
Comments
Ford Clip Slot
Overview
MX150™ Unsealed Connector System
Polarization
B
Product Name
MX150™ Unsealed
UPC
884982971035
Physical
Circuits (maximum)
3
Color - Resin
Natural
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
PBT
Net Weight
4.100/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.50mm
Pitch - Termination Interface
3.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
22A
Material Info
Reference - Drawing Numbers
Product Specification
PS-34796-001
Sales Drawing
SD-34797-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34797Series
Mates With
34796 3.50mm Pitch MX150™ Cable
Unsealed Female
Use With
MX150™ Male Terminal 33000-0001 ,
33000-0002 , 33000-0003 , 33000-1001 ,
33000-1002 , 33000-1003
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34797-0306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34797-0301 MOLEX11-34797-0301 Datasheet
45Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0302 MOLEX11-34797-0302 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with GM Style Clip
34797-0303 MOLEX11-34797-0303 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with GM Style Clip
34797-0304 MOLEX11-34797-0304 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with GM Style Clip
34797-0305 MOLEX11-34797-0305 Datasheet
45Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
More results

Similar Description - 34797-0306

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34797-0207 MOLEX11-34797-0207 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0206 MOLEX11-34797-0206 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0408 MOLEX11-34797-0408 Datasheet
48Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0406 MOLEX11-34797-0406 Datasheet
48Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0208 MOLEX11-34797-0208 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0301 MOLEX11-34797-0301 Datasheet
45Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0308 MOLEX11-34797-0308 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0405 MOLEX11-34797-0405 Datasheet
46Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0307 MOLEX11-34797-0307 Datasheet
39Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
34797-0407 MOLEX11-34797-0407 Datasheet
48Kb / 1P
   MX150 Cable Unsealed Male Connector with Ford Style Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com