Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBLP676-AG Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QBLP676-AG
Description  PLCC2 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP676-AG Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QBLP676-AG Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP676-AG Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
QBLP676-XX Series
3020 PLCC2 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP676-XX Series
Date: August 29, 2014
Page 11 of 12
Version# 2.2
Labeling
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP676-IB
QBLP676-IB
Iv=210 mcd typ. @ 20mA/
Color=465nm to 475nm
2,000 units
QBLP676-IG
QBLP676-IG
Iv=900mcd typ. @ 20mA/
Color=520nm to 530nm
2,000 units
QBLP676-R
QBLP676-R
Iv=230mcd typ. @ 20mA/
Color=615nm to 630nm
2,000 units
QBLP676-AG
QBLP676-AG
Iv=80mcd typ. @ 20mA/
Color=565nm to 576nm
2,000 units
QBLP676-Y
QBLP676-Y
Iv=210mcd typ. @ 20mA/
Color=585nm to 595nm
2,000 units
QBLP676-O
QBLP676-O
Iv=240mcd typ. @ 20mA/
Color=600nm to 610nm
2,000 units
QBLP676-S
QBLP676-S
Iv=80mcd typ. @ 20mA/
Color=630nm to 650nm
2,000 units


Similar Part No. - QBLP676-AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP676-AG ETC-QBLP676-AG Datasheet
450Kb / 9P
   U LED
QBLP676-AG ETC1-QBLP676-AG Datasheet
668Kb / 12P
   PLCC2 LED
More results

Similar Description - QBLP676-AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP670 ETC-QBLP670 Datasheet
746Kb / 13P
   PLCC2 LED
QBLP674-IWM-WW ETC1-QBLP674-IWM-WW Datasheet
589Kb / 10P
   PLCC2 LED
QBLP674-XX ETC-QBLP674-XX Datasheet
678Kb / 12P
   PLCC2 LED
QBLP674-IB ETC1-QBLP674-IB Datasheet
678Kb / 12P
   PLCC2 LED
QBLP670-IW-XX ETC-QBLP670-IW-XX Datasheet
596Kb / 11P
   PLCC2 LED
QBLP670-IB ETC1-QBLP670-IB Datasheet
747Kb / 12P
   PLCC2 LED
QBLP676-IB ETC1-QBLP676-IB Datasheet
668Kb / 12P
   PLCC2 LED
QBLP670-IR2 ETC1-QBLP670-IR2 Datasheet
575Kb / 9P
   PLCC2 IR LED
QBLP670-IR3 ETC1-QBLP670-IR3 Datasheet
552Kb / 9P
   PLCC2 IR LED
QBLP676-IR1 ETC1-QBLP676-IR1 Datasheet
499Kb / 9P
   PLCC2 IR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com