Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-458CA727EFA-A75 Datasheet(PDF) 2 Page - NEC

Part # MC-458CA727EFA-A75
Description  8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-458CA727EFA-A75 Datasheet(HTML) 2 Page - NEC

  MC-458CA727EFA-A75 Datasheet HTML 1Page - NEC MC-458CA727EFA-A75 Datasheet HTML 2Page - NEC MC-458CA727EFA-A75 Datasheet HTML 3Page - NEC MC-458CA727EFA-A75 Datasheet HTML 4Page - NEC MC-458CA727EFA-A75 Datasheet HTML 5Page - NEC MC-458CA727EFA-A75 Datasheet HTML 6Page - NEC MC-458CA727EFA-A75 Datasheet HTML 7Page - NEC MC-458CA727EFA-A75 Datasheet HTML 8Page - NEC MC-458CA727EFA-A75 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet M14278EJ3V0DS00
2
MC-458CA727
Ordering Information
Part number
Clock frequency
Package
Mounted devices
(MAX.)
MC-458CA727EFA-A75
133 MHz
168-pin Dual In-line Memory Module
5 pieces of
µPD45128163G5 (Rev. E)
(Socket Type)
(10.16 mm (400) TSOP (II))
MC-458CA727PFA-A75
Edge connector : Gold plated
5 pieces of
µPD45128163G5 (Rev. P)
25.4 mm height
(10.16 mm (400) TSOP (II))
5


Similar Part No. - MC-458CA727EFA-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CA727EFA-A75 ELPIDA-MC-458CA727EFA-A75 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-458CA727EFA-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CA726 NEC-MC-458CA726 Datasheet
207Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB646 ELPIDA-MC-458CB646 Datasheet
149Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-454AC724 NEC-MC-454AC724 Datasheet
660Kb / 12P
   4M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com