Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBLP670 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBLP670
Description  PLCC2 LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP670 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBLP670 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP670 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
QBLP670_series
PLCC2 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP670_series
Date: September 30, 2013
Page 5 of 13
Version# 3.1
Dominant Wavelength λ
D for Blue @ IF=20mA
Bin
Min.
Max.
Unit
G
465
467.5
nm
H
467.5
470
I
470
472.5
J
472.5
475
Dominant Wavelength λ
D for Green @ IF=20mA
Bin
Min.
Max.
Unit
U
520
522.5
nm
V
522.5
525
W
525
527.5
X
527.5
530
Dominant Wavelength λ
D for Red @ IF=20mA
Bin
Min.
Max.
Unit
s
615
620
nm
t
620
625
u
625
630
Dominant Wavelength λ
D for Yellow Green @ IF=20mA
Bin
Min.
Max.
Unit
h
565
568
nm
i
568
572
j
572
576
Dominant Wavelength λ
D for Yellow @ IF=20mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D for Orange @ IF=20mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610
Dominant Wavelength λ
D for Deep Red @ IF=20mA
Bin
Min.
Max.
Unit
v
630
635
nm
w
635
650


Similar Part No. - QBLP670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP670-AG ETC1-QBLP670-AG Datasheet
747Kb / 12P
   PLCC2 LED
QBLP670-IB ETC1-QBLP670-IB Datasheet
747Kb / 12P
   PLCC2 LED
QBLP670-IG ETC1-QBLP670-IG Datasheet
747Kb / 12P
   PLCC2 LED
QBLP670-IR1 ETC1-QBLP670-IR1 Datasheet
552Kb / 9P
   PLCC2 IR LED
QBLP670-IR2 ETC1-QBLP670-IR2 Datasheet
575Kb / 9P
   PLCC2 IR LED
More results

Similar Description - QBLP670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP676-XX ETC-QBLP676-XX Datasheet
668Kb / 12P
   PLCC2 LED
QBLP674-IWM-WW ETC1-QBLP674-IWM-WW Datasheet
589Kb / 10P
   PLCC2 LED
QBLP674-XX ETC-QBLP674-XX Datasheet
678Kb / 12P
   PLCC2 LED
QBLP674-IB ETC1-QBLP674-IB Datasheet
678Kb / 12P
   PLCC2 LED
QBLP670-IW-XX ETC-QBLP670-IW-XX Datasheet
596Kb / 11P
   PLCC2 LED
QBLP670-IB ETC1-QBLP670-IB Datasheet
747Kb / 12P
   PLCC2 LED
QBLP676-IB ETC1-QBLP676-IB Datasheet
668Kb / 12P
   PLCC2 LED
QBLP670-IR2 ETC1-QBLP670-IR2 Datasheet
575Kb / 9P
   PLCC2 IR LED
QBLP670-IR3 ETC1-QBLP670-IR3 Datasheet
552Kb / 9P
   PLCC2 IR LED
QBLP676-IR1 ETC1-QBLP676-IR1 Datasheet
499Kb / 9P
   PLCC2 IR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com