Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBLP651-AG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QBLP651-AG
Description  LED with Inner Lens
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP651-AG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QBLP651-AG Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP651-AG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
QBLP651 Series
1206 LED with Inner Lens
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP651_series
Date: October 16, 2014
Page 3 of 14
Version# 1.2
Introduction
Feature:
 Water clear lens (except white color)
 Yellow lens for white
 Tape and reel packaging
 Bright LED package
 InGaN technology for IB/IG/IW
 AllnGaP technology for R/AG/Y/O
 40°Viewing Angle (R/AG/Y/O/IB/IG)
 165°Viewing Angle (IW)
Description:
These 1206 LEDs have a height profile of 1.40mm.
With a combination of high brightness output and a
small footprint, these LEDs are ideal for status
indication.
Application:
 Status indication
 Back lighting application
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBLP651-AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP651-AG ETC1-QBLP651-AG Datasheet
979Kb / 14P
   IR Chip LED
More results

Similar Description - QBLP651-AG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
   Chip LED with Inner Lens
T1D-APQHY EVERLIGHT-T1D-APQHY Datasheet
206Kb / 11P
   Chip LED with Inner Lens
25-21-BHC-APR-2T EVERLIGHT-25-21-BHC-APR-2T Datasheet
142Kb / 10P
   Chip LED with Inner Lens
25-21-T1D-ANQHY EVERLIGHT-25-21-T1D-ANQHY Datasheet
158Kb / 11P
   Chip LED with Inner Lens
logo
List of Unclassifed Man...
QBLP651-S1 ETC-QBLP651-S1 Datasheet
614Kb / 9P
   1206 LED with Inner Lens
logo
Everlight Electronics C...
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8 Datasheet
258Kb / 10P
   Infrared LED With Inner Lens
HIR11-21C EVERLIGHT-HIR11-21C Datasheet
255Kb / 10P
   Chip Infrared LED With Inner Lens
logo
List of Unclassifed Man...
QBLP651-IR1 ETC1-QBLP651-IR1 Datasheet
496Kb / 4P
   1206 (with Inner Lens) IR LED
QBLP651-S1 ETC1-QBLP651-S1 Datasheet
614Kb / 9P
   Inner Lens Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com