Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBLP601-S1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP601-S1
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP601-S1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP601-S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP601-S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
QBLP601-S1
0603 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP601-S1
Date: March 28, 2014
Page 4 of 9
Version# 1.0
Electrical / Optical Characteristic (T=25
oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
Min. Typ. Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP601-S1
Deep
Red
10
1.6
-
2.5
630
---
650
-
6
20
1.6
-
2.5
5
12
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
AlGaAs
80
30
100
5
-40 ~ +85 -40 ~ +100
260
*Duty 1/10 @ 10KHz
** IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF @ IF=20mA
Bin
Min.
Max.
Unit
b
1.6
1.9
V
c
1.9
2.2
d
2.2
2.5
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
8
5
8
mcd
9
8
12.5
A
12.5
16
B
16
20
C
20
25
Dominant
Wavelength λ
D for Blue @ IF=20mA
Bin
Min.
Max.
Unit
v
630
635
nm
w
635
650


Similar Part No. - QBLP601-S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP601-S1 ETC1-QBLP601-S1 Datasheet
663Kb / 9P
   Deep Red LED
More results

Similar Description - QBLP601-S1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com