Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBHP684U-RU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RU
Description  1W High Power LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-RU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBHP684U-RU Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
QBHP684U-XXU Series
1W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXU Series
Date: April 30, 2014
Page 4 of 11
Version# 1.7
Pad Configuration:
Electrical / Optical Characteristic (TA=25
oC)
Product
Color
IF (mA)
VF (V)
λD (nm)
Φv (lm)
Typ. Max.
Min.
Typ.
Max.
Min.
Typ.
QBHP684U-RU
Red
350
2.4
2.8
620
625
630
45
55
QBHP684U-SU
Deep Red
350
2.4
2.8
650
660
670
15
20
QBHP684U-YU
Yellow
350
2.4
2.8
585
590
595
50
60
QBHP684UE-IGU
Green
350
3.4
3.8
520
525
530
90
110
QBHP684UE-IBU
Blue
350
3.4
3.8
450
455
460
10
20
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)
AlInGaP (R/S/Y)
1.96
700
1000
5
-40 to +85
-40 to +100
240
InGaN (IB/IG)
2.66
700
1000
5
-40 to +85
-40 to +100
240
*Duty 1/10 @0.1ms Pulse Width


Similar Part No. - QBHP684U-RU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684U-RU ETC1-QBHP684U-RU Datasheet
857Kb / 11P
   1W High Power LED
More results

Similar Description - QBHP684U-RU

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com