Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK168 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SK168
Description  Silicon N-Channel Junction FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK168 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SK168 Datasheet HTML 1Page - Hitachi Semiconductor 2SK168 Datasheet HTML 2Page - Hitachi Semiconductor 2SK168 Datasheet HTML 3Page - Hitachi Semiconductor 2SK168 Datasheet HTML 4Page - Hitachi Semiconductor 2SK168 Datasheet HTML 5Page - Hitachi Semiconductor 2SK168 Datasheet HTML 6Page - Hitachi Semiconductor 2SK168 Datasheet HTML 7Page - Hitachi Semiconductor 2SK168 Datasheet HTML 8Page - Hitachi Semiconductor 2SK168 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SK168
6
0.5
1.0
0.2
0.1
0.05
5
100
200
Frequency f (MHz)
Input and Output Admittance
vs. Frequency
500
yis = gis+jbis
yos = gos+jbos
VDS = 5 V
ID = 10 mA
gis
gos
bis×10
bos×10
2
50
5
10
20
50
2
1.0
0.5
100
200
Frequency f (MHz)
Transfer Admittance vs.
Frequency
500
VDS = 5 V
ID = 10 mA
yfs = gfs+jbfs
yrs = grs+jbfs
gfs
–bfs
–10 brs
10 grs
50
1.0
0.5
0.2
2
5
0.1
0.05
2
5
10
20
Drain Current ID (mA)
Input and Output Admittance
vs. Drain Current
50
yis = gis+jbis
yos = gos+jbos
bos
gis
0.5
1.0
VDS = 5 V
f = 100 MHz
gos is Negligible
Small at This Frequency
bis×10
10
5
2
20
50
1.0
0.5
2
5
10
20
Drain Current ID (mA)
Transfer Admittance vs.
Drain Current
50
yfs = gfs+jbfs
yrs = grs+jbrs
–bfs
–100 brs
100 grs
gfs
0.5
1.0
VDS = 5 V
f = 100 MHz


Similar Part No. - 2SK168

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1680 ISC-2SK1680 Datasheet
67Kb / 2P
   Drain Current ?밒D=20A@ TC=25C
2SK1681 ISC-2SK1681 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1683 ISC-2SK1683 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1684 ISC-2SK1684 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
2SK1685 SHINDENGEN-2SK1685 Datasheet
157Kb / 2P
   HVX Series Power MOSFET
More results

Similar Description - 2SK168

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com