Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN1327 Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # PAN1327
Description  A Comprehensive Guide to Choosing the Right RF Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

PAN1327 Datasheet(HTML) 2 Page - Panasonic Battery Group

  PAN1327 Datasheet HTML 1Page - Panasonic Battery Group PAN1327 Datasheet HTML 2Page - Panasonic Battery Group PAN1327 Datasheet HTML 3Page - Panasonic Battery Group PAN1327 Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Category
Classic
Dual Mode
Low
Energy
Module Image
Series
PAN1315A/1325A
PAN1311/1321
PAN1321i
PAN1455/1555
PAN1316/1326
PAN1317/1327
PAN1720
Function
(no/with antenna)
Ver 2.1 EDR - HCI
(no/with antenna)
Ver 2.0 EDR - SPP
(with antenna)
Ver 2.0 EDR - SPP
(no/with antenna)
Ver 3.0 EDR -
SPP, HID, HDP
(no/with antenna)
Ver 4.0 EDR - HCI
(no/with antenna)
Ver 2.1 EDR - HCI
(with antenna)
Ver 4.0 EDR BLE
Size [mm]
9.0 x 6.5 x 1.7
9.0 x 9.5 x 1.7
11.6 x 8.7 x 1.8
15.6 x 8.7 x 2.8
15.6 x 8.7 x 2.8
18.8 x 13.5 x 2.5
9.0 x 6.5 x 1.7
9.0 x 9.5 x 1.7
9.0 x 6.5 x 1.7
9.0 x 9.5 x 1.7
15.6 x 8.7 x 1.8
IC
CC2560A
PMB8753/2
PMB8753/2
BC6 / STM32F103
CC2564
CC2567
CC2540 / (41)
Rx Sensitivity [dBm]
-93 @ BER 10-3
-86 @ BER 10-3
-86 @ BER 10-3
-86 @ BER 10-3
-93 @ BER 10-3
-93 @ BER 10-3
-94 @ BER 1%
Tx Power (max.)
+10.5 dBm
+4 dBm
+4 dBm
+4 dBm
+10.5 dBm
+10.5 dBm
+3 dBm
Operating Temp.
-20 to +70 °C
-40 to +85 °C
-40 to +85 °C
-40 to +85 °C
-20 to +70 °C
-20 to +70 °C
-40 to +85 °C
Power Supply
1.8 to 4.8 V
2.7 to 3.6 V
2.7 to 3.6 V
2.7 to 3.6 V
1.8 to 4.8 V
1.8 to 4.8 V
2.0 to 3.6 V
Current Consum.
135 µA (sleep)
40 mA (Tx,EDR)
80 µA (sleep)
40 mA (Tx,EDR)
80 µA (sleep)
40 mA (Tx,EDR)
<100 µA (sleep)
47 mA (ACL; DH1)
135 µA (sleep)
40 mA (Tx,EDR)
135 µA (sleep)
40 mA (Tx,EDR)
>1µA (sleep)
Tx23mA @ -6dBm
Frequency Range
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
Number of GPIOs
2
>15
>15
18
2
2
19
Interfaces
GPIO, PCM, UART
GPIO, UART,
JTAG
GPIO, UART,
JTAG
GPIO, UART, I²C,
SPI, ADC
GPIO, PCM, UART
GPIO, PCM, UART
GPIO, UART
(USB)
Data Rate
(max. air)
3 MBit/s
3 MBit/s
190 kBit/s
3 MBit/s
ca. 500 kBit/s
3 MBit/s
3 MBit/s
1 MBit/s
Dev Kit
EVAL_PAN1323
EVAL_PAN1321i
EVAL_PAN1555
EVAL_PAN1323
EVAL_PAN1720
Dev Module
EVAL_PAN1323ETU
EVAL_PAN1321iETU
EVAL_PAN1323ETU
Bluetooth® Classic
Bluetooth Low Energy
Bluetooth ANT
Bluetooth Dual Mode
Bluetooth Classic, formerly known as Bluetooth and Bluetooth EDR, is a networking standard designed to meet IEEE 802.15.1 and
administered by the Bluetooth Special Interest Group (BT SIG). Conceived as a 2.4GHz wireless standard to replace wired headsets
in 1999, Bluetooth has grown in both scope and capability. By far it is the most prolific wireless standard today adding over 1,000,000
nodes to the network every day, in cell phones, PC’s, consumer and medical electronics applications and many more. Bluetooth Classic
is best suited to high data rate – up to 3Mbits/sec – applications where the network size is under eight nodes. Larger networks can be
formed with Scatternets. Connections are robust, even in noisy environments, by using 80 channels, each 1MHz wide, adaptive
frequency hopping, and multiple modulation schemes. Range can be adjusted using hardware and software from under a meter to over
two hundred meters. Panasonic offers four Series of Bluetooth devices with over 20 parts numbers to address nearly every application.
Bluetooth Low Energy is designed to reduce power consumption. It can be put into a sleep mode and only activates for event
activities such as sending data to a gateway, PC or mobile phone. Furthermore, the maximum power consumption is less than 15 mA
and the average power consumption is about 1 uA. The foundations of low energy consumption are short messages and establishing
very fast connections (few ms). Using these techniques, energy consumption is reduced to a tenth of a Classic Bluetooth unit. Thus, a
small coin cell – such as a CR2032 – is capable of powering a device for up to 10 years of operation.
ANT™ is a wireless sensor network protocol operating in the 2.4 GHz spectrum. Designed for ultra-low power, ease of use, efficiency
and scalability, ANT supports peer-to-peer, star, tree and fixed mesh topologies. It provides reliable data communications, flexible and
adaptive network operation and cross-talk immunity. The ANT protocol stack is compact, requiring minimal microcontroller resources
to reduce system costs, lighten the computational burden and improve efficiency. Low-level security is implemented to allow
user-defined network security.
Panasonic Dual Mode RF Modules require only 85.5 mm2, including antenna, of board area; 80% less than any multi-module or device
design; all while reducing costs associated with incorporating two wireless technologies. These modules have been designed to be
100% pin compatible with other members of the PAN13xx family. This unique design feature enables designers to seamlessly
transition between Bluetooth Classic, Low Energy and ANT™ enabled modules, addressing larger markets and providing migration
paths to circumvent obsolescence.
Apple, iPod, iPhone and iPad are registered trademarks of Apple Inc.
The Bluetooth® word mark and logos are registered tandemarks owned by Bluetooth SIG, Inc and any use of such marks by Panasonic Corporation of North America is under license. Other trademarks and
trade names are those of their respective owners.
+ ANT™
+ Low
Energy
Apple®
Device
Compatible!
Apple®
Device
Compatible!


Similar Part No. - PAN1327

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1327 PANASONIC-PAN1327 Datasheet
1Mb / 2P
   PAN1323ETU Triple Mode Simplifies the Development Environment
PAN1327 PANASONIC-PAN1327 Datasheet
831Kb / 2P
   Dual-Mode ANT??and Wireless Bluetooth짰 ConnectivityPiDesign
PAN1327 PANASONIC-PAN1327 Datasheet
947Kb / 2P
   BLUETOOTH짰 LOW ENERGY RF MODULES
More results

Similar Description - PAN1327

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
MKS-PAC-1000 MKS-MKS-PAC-1000 Datasheet
481Kb / 4P
   A Comprehensive Controls Solution
logo
Omron Electronics LLC
R87F OMRON-R87F Datasheet
2Mb / 28P
   Optimum Cooling with a Comprehensive
logo
List of Unclassifed Man...
Q4006N4TP ETC2-Q4006N4TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
logo
STMicroelectronics
AN1756 STMICROELECTRONICS-AN1756 Datasheet
208Kb / 10P
   Choosing a DALI implementation strategy with ST7DALIF2
logo
FCI connector
10037909-101LF FCI-CONNECTOR-10037909-101LF Datasheet
123Kb / 2P
   7.2mm GUIDE MODULE, RIGHT ANGLE
logo
Littelfuse
L6006V8TP LITTELFUSE-L6006V8TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
L6008L6TP LITTELFUSE-L6008L6TP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
S8055NTP LITTELFUSE-S8055NTP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2000SRP LITTELFUSE-K2000SRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
K2400GRP LITTELFUSE-K2400GRP Datasheet
306Kb / 8P
   Sample Instructions for Choosing a Packing Option
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com