Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRF2N7FB Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # ELJRF2N7FB
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ELJRF2N7FB Datasheet(HTML) 4 Page - Panasonic Battery Group

  ELJRF2N7FB Datasheet HTML 1Page - Panasonic Battery Group ELJRF2N7FB Datasheet HTML 2Page - Panasonic Battery Group ELJRF2N7FB Datasheet HTML 3Page - Panasonic Battery Group ELJRF2N7FB Datasheet HTML 4Page - Panasonic Battery Group ELJRF2N7FB Datasheet HTML 5Page - Panasonic Battery Group ELJRF2N7FB Datasheet HTML 6Page - Panasonic Battery Group ELJRF2N7FB Datasheet HTML 7Page - Panasonic Battery Group ELJRF2N7FB Datasheet HTML 8Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0 to 2.6
0.8 to 1.0
1.6
0.8
0.3
0.3
RE Type 1608 (0603)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Packing Quantity
● 3000 pcs./Reel
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRE1N0
□FA
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
7
100
6000
0.05
500
ELJRE1N2
□FA
1.2
6000
0.06
500
ELJRE1N5
□FA
1.5
8
6000
0.07
500
ELJRE1N8
□FA
1.8
6000
0.08
500
ELJRE2N2
□FA
2.2
6000
0.09
500
ELJRE2N7
□FA
2.7
6000
0.10
500
ELJRE3N3
□FA
3.3
9
5500
0.12
500
ELJRE3N9
□FA
3.9
J : ±5 %
5500
0.15
450
ELJRE4N7
□FA
4.7
4800
0.17
450
ELJRE5N6
□FA
5.6
4600
0.18
430
ELJRE6N8
□FA
6.8
3550
0.20
430
ELJRE8N2
□FA
8.2
3500
0.28
400
ELJRE10N
□FA
10
G : ±2 %
10
2800
0.32
400
ELJRE12N
□FA
12
2800
0.35
400
ELJRE15N
□FA
15
2500
0.41
350
ELJRE18N
□FA
18
2300
0.45
350
ELJRE22N
□FA
22
2000
0.50
300
ELJRE27N
□FA
27
2000
0.55
300
ELJRE33N
□FA
33
1800
0.60
300
ELJRE39N
□FA
39
11
1800
0.80
300
ELJRE47N
□FA
47
1800
0.95
250
ELJRE56N
□FA
56
12
1800
1.20
250
ELJRE68N
□FA
68
1500
1.30
250
ELJRE82N
□FA
82
1500
1.50
250
ELJRER10
□FA
100
1300
1.80
200
ELJRER12
□FA
120
25.2
5
25.2
1200
3.00
130
ELJRER15
□FA
150
1100
4.50
100
ELJRER18
□FA
180
4
1000
6.50
80
ELJRER22
□FA
220
900
7.50
70
Standard Parts (E12 series)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
□ : Symbol of Tolerance
Nov. 2013
02
5


Similar Part No. - ELJRF2N7FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF2N7FB PANASONIC-ELJRF2N7FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF2N7FB PANASONIC-ELJRF2N7FB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF2N7FB PANASONIC-ELJRF2N7FB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF2N7FB PANASONIC-ELJRF2N7FB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF2N7FB PANASONIC-ELJRF2N7FB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
More results

Similar Description - ELJRF2N7FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com