Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELL4FG1R0NA Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # ELL4FG1R0NA
Description  Power Inductors / Wire Wound type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ELL4FG1R0NA Datasheet(HTML) 2 Page - Panasonic Battery Group

  ELL4FG1R0NA Datasheet HTML 1Page - Panasonic Battery Group ELL4FG1R0NA Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
0.4±0.1
t
2.00±0.05
4.0±0.1
f1.50
+0.1
–0
8.0±0.1
0.8
0.8
Quantity 2000 pcs./Reel (ELL4FG-A/ELL4GG)
Quantity 3000 pcs./Reel (ELL4LG-A)
Tape running direction
R0.3
max.
A-A
,
Section
4.3±0.1
4.0 ° max.
A
A,
t
1.4±0.3
1.6±0.3
2.0±0.3
Type
ELL4FG-A
ELL4GG
ELL4LG-A
Standard Parts
✽1 Saturation Rated Current : This DC current which causes a 30 % inductance reduction from its nominal value.
✽2 Temperature Rise Current : This indicates the value of current when temperature rise dt/t= 40 °C (at 20 °C).
Embossed Carrier Tape Dimensions in mm (not to scale)
Series
Part Number
Inductance
(100 kHz)
RDC
(at 20 °C)
Saturation Rated
Current
1
(mA max.)
Temperature
Rise Current
2
(mA max.)
Marking
(μH)
Tol.
(m
Ω)Tol.
Series
4FG-A
ELL4FG1R0NA
1.0
±30 %
45
±20 %
1900
1950
01
ELL4FG1R5NA
1.5
60
1600
1700
06
ELL4FG2R0NA
2.0
70
1300
1550
10
ELL4FG3R3NA
3.3
110
1100
1220
16
ELL4FG4R7NA
4.7
160
1000
1000
21
ELL4FG6R8NA
6.8
220
800
860
26
ELL4FG100MA
10.0
±20 %
290
700
750
31
ELL4FG150MA
15.0
480
600
580
33
ELL4FG220MA
22.0
620
420
500
36
ELL4FG330MA
33.0
1060
360
400
39
ELL4FG470MA
47.0
1600
290
330
51
Series
4GG
ELL4GG1R2N
1.2
±30 %
50
±20 %
2400
1900
03
ELL4GG1R8N
1.8
71
1900
1550
09
ELL4GG2R2N
2.2
88
1700
1400
11
ELL4GG3R3N
3.3
110
1500
1200
16
ELL4GG3R9N
3.9
120
1400
1150
19
ELL4GG4R7N
4.7
160
1200
1000
21
ELL4GG5R6N
5.6
170
1100
970
23
ELL4GG6R8N
6.8
200
1050
930
26
ELL4GG8R2N
8.2
220
1000
870
29
ELL4GG100M
10.0
±20 %
250
900
770
31
ELL4GG120M
12.0
380
800
650
32
ELL4GG150M
15.0
500
700
580
33
ELL4GG220M
22.0
640
600
500
36
ELL4GG330M
33.0
980
450
400
39
ELL4GG470M
47.0
1250
400
350
51
ELL4GG101M
100.0
2400
290
250
56
Series
4LG-A
ELL4LG1R0NA
1.0
±30 %
43
±20 %
2200
1900
01
ELL4LG1R5NA
1.5
48
1700
1800
06
ELL4LG2R2NA
2.2
55
1500
1700
11
ELL4LG2R7NA
2.7
63
1400
1550
13
ELL4LG3R3NA
3.3
72
1300
1450
16
ELL4LG4R7NA
4.7
90
1100
1300
21
ELL4LG6R2NA
6.2
140
930
1100
25
ELL4LG100MA
10.0
±20 %
200
800
950
31
ELL4LG150MA
15.0
300
620
730
33
ELL4LG220MA
22.0
390
550
640
36
ELL4LG330MA
33.0
610
430
510
39
ELL4LG470MA
47.0
920
360
410
51
ELL4LG680MA
68.0
1300
270
350
53
ELL4LG101MA
100.0
2200
250
260
56
ELL4LG151MA
150.0
3000
220
220
59
Sep. 2012
01
35


Similar Part No. - ELL4FG1R0NA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL4FG1R0NA PANASONIC-ELL4FG1R0NA Datasheet
151Kb / 2P
   Choke Coils
More results

Similar Description - ELL4FG1R0NA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELL-6RH1R0M PANASONIC-ELL-6RH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-VEG3R3N PANASONIC-ELL-VEG3R3N Datasheet
93Kb / 3P
   Power Inductors / Wire Wound type
ELL-VEG4R7N PANASONIC-ELL-VEG4R7N Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
ELL-VFG2R2NC PANASONIC-ELL-VFG2R2NC Datasheet
95Kb / 3P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com