Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SPX306-W2A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SPX306-W2A
Description  Photomicrosensor with built-in amplifier and attached cable reduces external light interference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SPX306-W2A Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SPX306-W2A Datasheet HTML 1Page - Omron Electronics LLC EE-SPX306-W2A Datasheet HTML 2Page - Omron Electronics LLC EE-SPX306-W2A Datasheet HTML 3Page - Omron Electronics LLC EE-SPX306-W2A Datasheet HTML 4Page - Omron Electronics LLC EE-SPX306-W2A Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EE-SPX-W
Ratings and Specifications
I/O Circuit Diagrams
NPN Output
Item
Models
EE-SPX302-W2A, EE-SPX402-W2A
EE-SPX304-W2A, EE-SPX404-W2A
EE-SPX306-W2A, EE-SPX406-W2A
EE-SPX305-W2A
EE-SPX405-W2A
Sensing distance
3.6 mm (slot width)
5 mm (slot width)
*1. The indicator is a GaP red LED
(peak wavelength: 700 nm).
*2. The response frequency was measured by
detecting the following rotating disk.
Sensing object
Opaque: 1
× 0.5 mm min.
Opaque: 2
× 0.8 mm min.
Differential distance
0.05 mm max.
Light source
GaAs infrared LED (pulse lighting) with a peak wavelength of 940 nm
Indicator *1
Light indicator (red)
Supply voltage
5 to 24 VDC ±10%, ripple (p-p): 5% max.
Current consumption
Average: 15 mA max.; Peak: 50 mA max.
Control output
NPN voltage output:
Load power supply voltage: 5 to 24 VDC
Load current: 80 mA max.
OFF current: 0.5 mA max.
80 mA load current with a residual voltage of 1.0 V max.
10 mA load current with a residual voltage of 0.4 V max.
Response frequency *2
500 Hz min.
Ambient illumination
3,000 lx max. with incandescent light or sunlight on the surface of the
receiver
Ambient temperature
range
Operating:
−10 to +55°C
Storage:
−25 to +65°C
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95%
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 h each in X,
Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC IP50
Connecting method
Pre-wired (standard cable length: 1 m)
Weight
18.5 g
Material
Case
Polycarbonate
Holder
2 mm
2 mm
2 mm
Disk
Disk
Disk
EE-SPX305-W2A
EE-SPX302-W2A
EE-SPX306-W2A
Model
Output
configuration
Timing charts
Output circuit
EE-SPX402-W2A
EE-SPX404-W2A
EE-SPX405-W2A
EE-SPX406-W2A
Light-ON
EE-SPX302-W2A
EE-SPX304-W2A
EE-SPX305-W2A
EE-SPX306-W2A
Dark-ON
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(relay)
Load 2
5 to 24 VDC
Light indicator (red)
1.5 to
3 mA
Load 1
Load 2
Main
circuit
Black
Blue
Brown
* Voltage output (when the sensor is connected to a transistor circuit)
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(relay)
Load 2


Similar Part No. - EE-SPX306-W2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPX306-W2A OMRON-EE-SPX306-W2A Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
More results

Similar Description - EE-SPX306-W2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY401 OMRON-EE-SPY401 Datasheet
675Kb / 7P
   Photomicrosensor with light modulation is not influenced by external light.
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
Omron Electronics LLC
EE-SX771A OMRON-EE-SX771A Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable
logo
Tripp Lite. All Rights ...
U357-025-UASP TRIPPLITE-U357-025-UASP Datasheet
164Kb / 3P
   USB 3.0 SuperSpeed External 2.5 in. SATA Hard Drive Enclosure with Built-In Cable and UASP Support
logo
Omron Electronics LLC
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
logo
Maxim Integrated Produc...
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com