Electronic Components Datasheet Search |
|
PC81710NIP0F Datasheet(PDF) 1 Page - Sharp Corporation |
|
PC81710NIP0F Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 14 page PC8171xNSZ0F Series 1. Recognized by UL1577 (Double protection isolation), file No. E64380 (as model No. PC8171) 2. Package resin : UL flammability grade (94V-0) ■ Features ■ Agency approvals/Compliance 1. Programmable controllers 2. Facsimiles 3. Telephones ■ Applications DIP 4pin High CMR, Low Input Current Photocoupler 1. 4pin DIP package 2. Double transfer mold package (Ideal for Flow Solder- ing) 3. Low input current type (IF=0.5mA) 4. High collector-emitter voltage(VCEO : 80V) 5. High noise immunity due to high common rejection voltage (CMR : MIN. 10kV/µs) 6. High isolation voltage between input and output (Viso(rms) : 5.0 kV) 7. Lead-free and RoHS directive compliant ■ Description PC8171xNSZ0F Series contains an IRED optically coupled to a phototransistor. It is packaged in a 4pin DIP, available in SMT gullw- ing lead-form option. Input-output isolation voltage(rms) is 5.0kV. Collector-emitter voltage is 80V, CTR is 100% to 600% at input current of 0.5mA and CMR is MIN. 10kV/µs. 1 Sheet No.: D2-A03302EN Date Jun. 30. 2005 © SHARP Corporation Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. PC8171xNSZ0F Series |
Similar Part No. - PC81710NIP0F |
|
Similar Description - PC81710NIP0F |