Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBF-32202 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NBF-32202
Description  NBF-SERIES NEMA ECONOMY ENCLOSURES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NBF-32202 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NBF-32202 Datasheet HTML 1Page - List of Unclassifed Manufacturers NBF-32202 Datasheet HTML 2Page - List of Unclassifed Manufacturers NBF-32202 Datasheet HTML 3Page - List of Unclassifed Manufacturers NBF-32202 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Product Detail Information
Indoor Version
Outdoor
Version
Nominal External Dimensions
Actual Internal
Dimensions
ABS
Catalog
#
Catalog Number
Catalog
Number
Inches [Millimeters]
Inches
Solid
Door
Solid
Door
Clear
Door
Solid
Door
Clear
Door
A
B
C
D
E
F
G
Wgt.
Lbs.
5.11
3.93
2.75
1.97
NBF-
32002
NBF-
32102
NBF-
32202
NBF-
32302
NBF-
32402
[130mm]
[100mm]
[70mm]
[50mm]
4.55
3.42
2.52
0.6
5.90
3.93
2.75
1.97
NBF-
32004
NBF-
32104
NBF-
32204
NBF-
32304
NBF-
32404
[150mm]
[100mm]
[70mm]
[50mm]
5.37
3.42
2.52
0.7
7.87
3.93
2.75
1.97
NBF-
32006
NBF-
32106
NBF-
32206
NBF-
32306
NBF-
32406
[200mm]
[100mm]
[70mm]
[50mm]
7.31
3.42
2.52
0.8
10.63
3.93
2.75
1.97
NBF-
32008
NBF-
32108
NBF-
32208
NBF-
32308
NBF-
32408
[270mm]
[100mm]
[70mm]
[50mm]
10.02
3.42
2.52
0.8
5.9
5.90
3.54
2.76
NBF-
32010
NBF-
32110
NBF-
32210
NBF-
32310
NBF-
32410
[150mm]
[150mm]
[90mm]
[70mm]
5.22
5.22
3.31
0.8
7.87
5.90
3.93
2.95
NBF-
32012*
NBF-
32112*
NBF-
32212*
NBF-
32312*
NBF-
32412*
[200mm]
[150mm]
[100mm]
[75mm]
7.70
5.73
3.70
1.2
7.08
7.08
5.90
4.72
NBF-
32014*
NBF-
32114*
NBF-
32214*
NBF-
32314*
NBF-
32414*
[180mm]
[180mm]
[150mm]
[120mm]
7.09
7.09
5.67
1.5
11.81
7.87
5.11
4.02
NBF-
32016*
NBF-
32116*
NBF-
32216*
NBF-
32316*
NBF-
32416*
[300mm]
[200mm]
[130mm]
[102mm]
11.18
7.20
4.82
2.0
11.81
7.87
6.29
5.20
NBF-
32018
NBF-
32118
NBF-
32218
NBF-
32318
NBF-
32418
[300mm]
[200mm]
[160mm]
[132mm]
11.18
7.20
6.00
2.7
11.81
7.87
7.87
6.81
NBF-
32020*
NBF-
32120*
NBF-
32220*
NBF-
32320*
NBF-
32420*
[300mm]
[200mm]
[200mm]
[173mm]
11.18
7.20
7.58
2.8
13.78
9.84
5.90
4.72
NBF-
32022*
NBF-
32122*
NBF-
32222*
NBF-
32322*
NBF-
32422*
[350mm]
[250mm]
[150mm]
[120mm]
12.99
9.06
5.61
3.0
13.78
9.84
7.08
5.91
NBF-
32024*
NBF-
32124*
NBF-
32224*
NBF-
32324*
NBF-
32424*
[350mm]
[250mm]
[180mm]
[150mm]
12.99
9.06
7.58
4.7
* Non-stocking item. Contact factory for price and availability.
N/A = Not Available.


Similar Part No. - NBF-32202

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBF-32026 BUD-NBF-32026 Datasheet
82Kb / 4P
   NBF-SERIES NEMA ECONOMY ENCLOSURES
More results

Similar Description - NBF-32202

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBF-32026 BUD-NBF-32026 Datasheet
82Kb / 4P
   NBF-SERIES NEMA ECONOMY ENCLOSURES
logo
List of Unclassifed Man...
BU-55 ETC2-BU-55 Datasheet
50Kb / 1P
   Economy Clip
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
   Economy Trimmers
logo
Tyco Electronics
1-1623920-3 MACOM-1-1623920-3 Datasheet
47Kb / 1P
   SMD ECONOMY TRIMMERS SERIES 3142
logo
NXP Semiconductors
UDA1345TS PHILIPS-UDA1345TS Datasheet
126Kb / 28P
   Economy audio CODEC
2000 Apr 18
logo
Beckhoff Automation Gmb...
CP32XX-0010 BECKHOFF-CP32XX-0010 Datasheet
154Kb / 6P
   Economy Panel PC
logo
List of Unclassifed Man...
CA-020 ETC1-CA-020 Datasheet
632Kb / 18P
   Aluminium enclosures CA series
logo
Tyco Electronics
2-382811-1 MACOM-2-382811-1 Datasheet
100Kb / 1P
   ECONOMY SHUNT ASSEMBLY
logo
NXP Semiconductors
UDA1345TSDB-T NXP-UDA1345TSDB-T Datasheet
216Kb / 29P
   Economy audio CODEC
2002 May 28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com