Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10B-J22DK-GGXR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S10B-J22DK-GGXR
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S10B-J22DK-GGXR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button S10B-J22DK-GGXR Datasheet HTML 2Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 3Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 4Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 5Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 6Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 7Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 8Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 9Page - List of Unclassifed Manufacturers S10B-J22DK-GGXR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Single-row type
• 4 circuits
• 3 circuits
PC board layout
(viewed from component side)
PC board layout
(viewed from component side)
1
2
3
X
J-2100
X
B
5 ±0.05
2.5 ±0.05
7
(0.82)
Copper foil land
(
φ3.4)
φ0.85
Through-hole
2 ±0.05
Keying No.
Circuit No.
Keying No.
Series name
A
2.5
Connector outline
+0.05
–0.03
A ±0.05
2.5 ±0.05
Copper foil land
2-(
φ3.4)
Through-hole
2-2 ±0.05
7
(0.82)
Keying No.
B
Circuit No.
Keying No.
Series name
Connector outline
A
2.5
1
2
3
4
X
J-2100
X
φ0.85
+0.05
–0.03
Single-row type
2.5 ±0.05
A ±0.05
Copper foil land 2-(
φ3)
N-
φ0.85
Connector outline
Through-hole 2-
φ2 ±0.05
+0.05
–0.03
Circuit No.
Series name
Keying No.
Keying No.
3.22
3.4
B
2.5
A
2.5
X
43
21
J-2100
PC board layout
(viewed from component side)
(B)
Material and Finish
Tab contact: Copper alloy, nickel-undercoated, selective gold-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated
Circuits
Keying
Model No.
Dimensions (mm)
AB
3
4
X
Y
X
Y
B03B-J21SK-GGXR
B03B-J21SK-GGYR
B04B-J21SK-GGXR
B04B-J21SK-GGYR
5.0
5.0
7.5
7.5
10.2
10.2
12.7
12.7
378
378
306
306
Q’ty / box
Tab contact: Copper alloy, nickel-undercoated, selective gold-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated
Circuits
Keying
Model No.
Dimensions (mm)
AB
3
4
X
Y
X
Y
S03B-J21SK-GGXR
S03B-J21SK-GGYR
S04B-J21SK-GGXR
S04B-J21SK-GGYR
294
294
238
238
Material and Finish
Q’ty / box
5.0
5.0
7.5
7.5
10.2
10.2
12.7
12.7
J2000 SERIES/J2100
Header Top entry type (Center locking type)
Header Side entry type (Center locking type)
RoHS compliance This product displays (LF)(AU) on a label.
RoHS compliance This product displays (LF)(AU) on a label.


Similar Part No. - S10B-J22DK-GGXR

ManufacturerPart #DatasheetDescription
logo
SICK AG
S10B-9011BA SICK-S10B-9011BA Datasheet
1Mb / 6P
   2D LASER SCANNERS
S10B-9011DA SICK-S10B-9011DA Datasheet
1Mb / 6P
   2D LASER SCANNERS
logo
List of Unclassifed Man...
S10B-EH ETC1-S10B-EH Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
S10B-EH JST-S10B-EH Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
S10B-F31DK-GGR JST-S10B-F31DK-GGR Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results

Similar Description - S10B-J22DK-GGXR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com