Electronic Components Datasheet Search |
|
J21DPM-20V-KY Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
J21DPM-20V-KY Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 16 page 6 Single-row type • 4 circuits • 3 circuits PC board layout (viewed from component side) PC board layout (viewed from component side) 1 2 3 X J-2100 X B 5 ±0.05 2.5 ±0.05 7 (0.82) Copper foil land ( φ3.4) φ0.85 Through-hole 2 ±0.05 Keying No. Circuit No. Keying No. Series name A 2.5 Connector outline +0.05 –0.03 A ±0.05 2.5 ±0.05 Copper foil land 2-( φ3.4) Through-hole 2-2 ±0.05 7 (0.82) Keying No. B Circuit No. Keying No. Series name Connector outline A 2.5 1 2 3 4 X J-2100 X φ0.85 +0.05 –0.03 Single-row type 2.5 ±0.05 A ±0.05 Copper foil land 2-( φ3) N- φ0.85 Connector outline Through-hole 2- φ2 ±0.05 +0.05 –0.03 Circuit No. Series name Keying No. Keying No. 3.22 3.4 B 2.5 A 2.5 X 43 21 J-2100 PC board layout (viewed from component side) (B) Material and Finish Tab contact: Copper alloy, nickel-undercoated, selective gold-plated Housing: Glass-filled PBT, UL94V-0, black Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated Circuits Keying Model No. Dimensions (mm) AB 3 4 X Y X Y B03B-J21SK-GGXR B03B-J21SK-GGYR B04B-J21SK-GGXR B04B-J21SK-GGYR 5.0 5.0 7.5 7.5 10.2 10.2 12.7 12.7 378 378 306 306 Q’ty / box Tab contact: Copper alloy, nickel-undercoated, selective gold-plated Housing: Glass-filled PBT, UL94V-0, black Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated Circuits Keying Model No. Dimensions (mm) AB 3 4 X Y X Y S03B-J21SK-GGXR S03B-J21SK-GGYR S04B-J21SK-GGXR S04B-J21SK-GGYR 294 294 238 238 Material and Finish Q’ty / box 5.0 5.0 7.5 7.5 10.2 10.2 12.7 12.7 J2000 SERIES/J2100 Header Top entry type (Center locking type) Header Side entry type (Center locking type) RoHS compliance This product displays (LF)(AU) on a label. RoHS compliance This product displays (LF)(AU) on a label. |
Similar Part No. - J21DPM-20V-KY |
|
Similar Description - J21DPM-20V-KY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |