Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9362013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9362013TR
Description  QUAD LOW SIDE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362013TR Datasheet(HTML) 5 Page - STMicroelectronics

  L9362013TR Datasheet HTML 1Page - STMicroelectronics L9362013TR Datasheet HTML 2Page - STMicroelectronics L9362013TR Datasheet HTML 3Page - STMicroelectronics L9362013TR Datasheet HTML 4Page - STMicroelectronics L9362013TR Datasheet HTML 5Page - STMicroelectronics L9362013TR Datasheet HTML 6Page - STMicroelectronics L9362013TR Datasheet HTML 7Page - STMicroelectronics L9362013TR Datasheet HTML 8Page - STMicroelectronics L9362013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
L9362
Powerstage protection
ISCB
Short current detection and switch
off threshold
With filter-time t_SCB.
3.0
5.0
A
t_SCB
Short circuit switch off delay time
3
30
s
Vccmin
VCC undervoltage
3.0
4.0
V
Current feedback
TRatio 1
ICFB / IOUT for IOUT=0.4...2A
4)
VCFB  1.8V
1.45
1.65
2
mA/A
TMPS1
6)
5)
Temperature stability
for 0.4A to < 2.0A, related to
25°C
3
6%
CURS1
for IOUT = 0.4A to 2A
5)
Current stability
gain/Gain at 2A
TJ = -40°C
-12
17
%
TJ = +25°C
-6
10
%
TJ = +125°C
-5
5
%
CURlin1 6)
CURlin2
for IOUT = 0.4A to 1.0A
4)
for IOUT = 1.0A to 2.0A 4)
Linearity Error
(within the calibration points
at 0.5A, 1A, 2A)
0.2
1
0.7
%
%
Note 4:
At 150°C guaranteed by design and electrical characterisation
Note 5:
Guaranteed by design and electrical characterisation
Note 6:
Values for TMPS1, CURlin1 and CURlin2 are typical values from testing results
Diagnostic
VREF1
Short to GND threshold voltage
for IOUT  2A
0.390
VCC
0.435
VCC
V
t_SCG
Short to GND filter time
140
250
s
IOL
Open load threshold current
10
55
mA
t_OL
Open load filter time
140
265
s
ROL
Pullup resistor at OUT1, OUT2,
OUT3 and OUT4 for OL detection
2.0
8.0
k
TOFF
Temperature detection threshold 7)
155
170
190
°C
Note 7:
Guaranteed by measurement and correlation
ELECTRICAL CHARACTERISTICS (continued)
4.5V VCC 5.5V, -40°C TJ 125°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - L9362013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
More results

Similar Description - L9362013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
   QUAD LOW SIDE DRIVER
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
   QUAD LOW SIDE DRIVER
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
   QUAD LOW SIDE DRIVER
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
   Quad Low-side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com