Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J21DPM-06V-KY Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # J21DPM-06V-KY
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J21DPM-06V-KY Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  J21DPM-06V-KY Datasheet HTML 1Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 2Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 3Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 4Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 5Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 6Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 7Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 8Page - List of Unclassifed Manufacturers J21DPM-06V-KY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Model No.: J2KP-VY
16
2.2
JFA CONNECTOR/J2000 SERIES
• Standard Tab
• Sequential Tab
M
J2
15.6
(4)
M
J2
(7.8)
16.6
Wire range mark
Series name
Wire range mark
Series name
Sort of plating
Sort of plating
(6.8)
Model No.: CT-JFAJ2
64
φ22
φ2.6
Hex.nut
M8(class 3)
Strip contact Model No.
Insulation O.D.
(mm)
Q’ty / reel
Applicable wire
Nominal
mm2
AWG#
SJ2F-002GF-P1.0
SJ2F-01GF-P1.0
SJ2F-21GF-P1.0
S
M
L
0.08
0.20
0.20
0.50
0.30
0.75
28
24
24
20
0.88
1.43
1.11
1.53
1.30
1.90
6,000
6,000
5,000
Material and Finish
Copper alloy (superior conductivity), nickel-underplated, selective gold-plated
Strip contact Model No.
Insulation O.D.
(mm)
Q’ty / reel
Applicable wire
Nominal
mm2
AWG#
SJ2M-002GF-M1.0N
SJ2M-01GF-M1.0N
SJ2M-21GF-M1.0N
SJ2M-01GF-M1.0S
S
M
L
Seqential
0.08
0.20
0.20
0.50
0.30
0.75
0.20
0.50
28
24
24
20
24
20
0.88
1.43
1.11
1.53
1.30
1.90
1.11
1.53
5,500
5,500
5,000
5,500
Material and Finish
Copper alloy (superior conductivity), nickel-underplated, selective gold-plated
12.5
(7)
(4)
JS
2
Wire range mark
Series name
Strip contact Model No.
SJ2F-21GF-P1.0
SJ2M-21GF-M1.0N
SJ2F-002GF-P1.0
SJ2M-002GF-M1.0N
MKS-L
MKS-L
*MKS-SC-J2
MK/SJ2F/M-002-10
MK/SJ2F/M-21-10
SC/SJ2F/M-21-10
APLMK SJ2F/M002-10
APLMK SJ2F/M21-10
APLSC SJ2F/M21-10
AP-K2N
AP-K2N
YRS-8851
YRF-1120
Strip contact Model No.
Dies
Crimp applicator
with dies
APLMK SJ2F/M01-10
APLSC SJ2F/M01-10
MK/SJ2F/M-01-10
SC/SJ2F/M-01-10
MKS-L
*MKS-SC-J2
Hand crimp
tools
YRS-8861
AP-K2N
Crimp
applicator
Crimping
machine
SJ2F-01GF-P1.0
SJ2M-01GF-M1.0N
SJ2M-01GF-M1.0S
Dies
Crimp applicator
with dies
Hand crimp
tools
Crimp
applicator
Crimping
machine
Receptacle contact
Tab contact
Crimping machine, Applicator
Keying plug
Tab contact cutting tool
RoHS compliance
• Extraction tool for J2000 series: EJ-JFAJ2N
• Refer to page 15, 16 of YRK series hand crimping tools for details.
Note 1.*: Strip-crimp applicator
2. Contact JST for fully automatic crimping applicator.
RoHS compliance
RoHS compliance


Similar Part No. - J21DPM-06V-KY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results

Similar Description - J21DPM-06V-KY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com