Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4564EC726PFB-A80 Datasheet(PDF) 4 Page - NEC

Part # MC-4564EC726PFB-A80
Description  64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4564EC726PFB-A80 Datasheet(HTML) 4 Page - NEC

  MC-4564EC726PFB-A80 Datasheet HTML 1Page - NEC MC-4564EC726PFB-A80 Datasheet HTML 2Page - NEC MC-4564EC726PFB-A80 Datasheet HTML 3Page - NEC MC-4564EC726PFB-A80 Datasheet HTML 4Page - NEC MC-4564EC726PFB-A80 Datasheet HTML 5Page - NEC MC-4564EC726PFB-A80 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet M14460EJ2V0DS00
4
MC-4564EC726
Block Diagram
(1/2)
D0
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D18
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB0
DQ 3
DQ 2
DQ 1
DQ 0
D9
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D27
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB4
DQ32
DQ33
DQ34
DQ35
D2
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D20
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB1
DQ11
DQ10
DQ 9
DQ 8
D11
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D29
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB5
DQ40
DQ41
DQ42
DQ43
D1
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D19
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ 7
DQ 6
DQ 5
DQ 4
D10
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D28
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ36
DQ37
DQ38
DQ39
D3
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D21
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ15
DQ14
DQ13
DQ12
D12
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D30
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ44
DQ45
DQ46
DQ47
D4
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D22
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
CB 3
CB 2
CB 1
CB 0
D13
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D31
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
CB 4
CB 5
CB 6
CB 7
/RCS0
/RCS1
D5
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D23
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB2
DQ19
DQ18
DQ17
DQ16
D14
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D32
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB6
DQ48
DQ49
DQ50
DQ51
D7
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D25
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB3
DQ27
DQ26
DQ25
DQ24
D16
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D34
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
RDQMB7
DQ56
DQ57
DQ58
DQ59
D6
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D24
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ23
DQ22
DQ21
DQ20
D15
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D33
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ52
DQ53
DQ54
DQ55
D8
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D26
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ31
DQ30
DQ29
DQ28
D17
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
D35
I/O 0
I/O 1
I/O 2
I/O 3
DQM
/CS
DQ60
DQ61
DQ62
DQ63
/RCS2
/RCS3
VCC
D0 - D35, REGISTER1 - REGISTER3, PLL
D0 - D35, REGISTER1 - REGISTER3, PLL
C
CLK1 - CLK3
12 pF
10
SERIAL PD
SCL
SDA
A0
A1
A2
SA0 SA1 SA2
WP
47 k
CLK0
PLL
CLK: D0, D18, D9, D27
CLK: D1, D19, D10, D28
CLK: D2, D20, D11, D29
CLK: D3, D21, D12, D30
CLK: D4, D22, D13, D31
CLK: D5, D23, D14, D32
CLK: D6, D24, D15, D33
CLK: D7, D25, D16, D34
CLK: D8, D26, D17, D35
CLK: Register1- Register3
10
VSS
5
5


Similar Part No. - MC-4564EC726PFB-A80

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4564EC727 NEC-MC-4564EC727 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4564EC727EF-A75 NEC-MC-4564EC727EF-A75 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4564EC727PF-A75 NEC-MC-4564EC727PF-A75 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

Similar Description - MC-4564EC726PFB-A80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC727 NEC-MC-4564EC727 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727 NEC-MC-4532DA727 Datasheet
149Kb / 6P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com