Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANDpSi104EA5S-HB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ANDpSi104EA5S-HB
Description  Color Displays - (Prototype Kits Available for All Displays)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANDpSi104EA5S-HB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ANDpSi104EA5S-HB Datasheet HTML 1Page - List of Unclassifed Manufacturers ANDpSi104EA5S-HB Datasheet HTML 2Page - List of Unclassifed Manufacturers ANDpSi104EA5S-HB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8282 • Fax: 408.733.1287 • email@purdyelectronics.com
9/30/05
www.purdyelectronics.com
LCD – Panel/Segment Displays (Wide Temperature & High Humidity)
Part Number
Display Font
Digit Height in Inches
Package Dimensions in Inches
(Length x Width)
FE1901W
0.5
1.1 x 1.2
FE0201W
0.5
2.0 x 1.2
FE0203W
0.5
2.0 x 1.2
FE0202W
0.5
2.0 x 1.2
FE0502W
0.7
2.75 x 1.5
FE0206W
0.5
2.0 x 1.2
FE0208W
0.4
2.0 x 1.2
FE0401W
0.5
2.75 x 1.2
FE0601W
0.7
3.7 x 1.5
FE1001W
0.5
3.7 x 1.2
Backlight viewing mode designation is:
DU for “reflective” surface to reflect ambient light back through the liquid crystal materials for illumination.
EU for “transflective” surface which uses a partially reflecting surface for viewing with a backlight or using reflected light.
Example: To receive a 0.5-inch high, 4-digit, wide temperature, high humidity, reflective panel display, order: FE202+W-DU = FE0202W-DU
• “30” means that the LCD has a transflective reflector. Part would be
ordered with a “-30” suffix. (i.e. AND1013ST-30)
• “EO” means that an electroluminescent panel is installed in the LCD.
Order with the “EO” suffix. (i.e. AND1013ST-EO)
• CCFL means that a cold cathode fluorescent lamp is installed in the
module
• “MST” means Film Super Twist Nematic (FSTN)
• “BST” means Blue Mode Super Twist Nematic LCD
Notes for the Intelligent Graphic Displays
Purdy Electronics
The Design Engineer’s Source for High Quality Component Solutions
The mission of Purdy Electronics Corporation is to provide our original equipment manufacturer (OEM) customers with the highest quality
electronic components at competitive prices, supported with superior customer and technical service and value added enhancements.
Purdy Electronics has been providing electronic components to OEMs for over 75 years. We specialize in manufacturing a limited number of
product lines including:
Fans and Blowers
OPTOELECTRONICS
OPTOELECTRONICS
OPTOELECTRONICS
Light Emitting Diodes
Displays
Liquid Crystal Display Products
Rotary and Thumbwheel Switches
Fiber Optic Components and
Cable Assemblies


Similar Part No. - ANDpSi104EA5S-HB

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDPSI104EA5S-HB PURDY-ANDPSI104EA5S-HB Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-HB-KIT PURDY-ANDPSI104EA5S-HB-KIT Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
More results

Similar Description - ANDpSi104EA5S-HB

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRHAVPA1.22 OSRAM-KRHAVPA1.22 Datasheet
870Kb / 21P
   Full color displays
logo
Yellow Stone Corp
BS-AB4EGRD YSTONE-BS-AB4EGRD Datasheet
120Kb / 1P
   MULTI-COLOR LED DISPLAYS
logo
Hitachi Semiconductor
EHD66764 HITACHI-EHD66764 Datasheet
257Kb / 38P
   176-channel Common Driver for Color Displays
logo
Yellow Stone Corp
BM-11257MD YSTONE-BM-11257MD Datasheet
137Kb / 1P
   Single Color 5x7 Dot Matrix Displays
BM-20258MD YSTONE-BM-20258MD Datasheet
155Kb / 1P
   Single Color 5x8 Dot Matrix Displays
logo
OSRAM GmbH
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
   3-colour displays, RGY displays
logo
ELMOS Semiconductor AG
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
   LCD controller, driver for grey scale, ECB color displays
logo
Sony Corporation
CXA1726AM SONY-CXA1726AM Datasheet
192Kb / 10P
   Multiplier IC for Displays
logo
ams AG
TCS3701 AMSCO-TCS3701 Datasheet
94Kb / 4P
   ALS/Color and Proximity Sensor for Use Behind OLED Displays
2018-Dec-19
logo
Rohm
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
   Flat displays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com