Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU2102C9 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWU2102C9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU2102C9 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWU2102C9 Datasheet HTML 1Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 2Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 3Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 4Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 5Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 6Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 7Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 8Page - Panasonic Semiconductor ECWU2102C9 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC23−
Plastic Film Capacitors
■Construction
■Dimensions in mm (not to scale)
Size code
E1
E2
E3a
E3
D1
D2
D3
D4
D5
B
Z
Y
X
V
4.8
4.8
4.8
4.8
6.0
6.0
6.0
6.0
6.0
6.0
7.1
7.1
7.7
9.8
3.3
3.3
3.3
3.3
4.1
4.1
4.1
4.1
4.1
5.0
5.0
6.3
5.5
6.3
1.4
2.0
2.4
2.8
1.8
2.0
2.4
2.8
3.2
L
H
W
❈Refer to the column “Rating, Dimensions & Quantity”.
■ Rating, Dimensions & Quantity/Reel
●Capacitance tolerance : ±5 %(J), ±10 %(K)
Cap.
(µF)
0.0010
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
Please use 100 VDC rating ECWU(X)
ECWU2102
□C9
4.8
3.3
1.4
E1
ECWU2122
□C9
4.8
3.3
1.4
E1
ECWU2155
□C9
4.8
3.3
1.4
E1
ECWU2182
□C9
4.8
3.3
1.4
E1
ECWU2222
□C9
4.8
3.3
1.4
E1
ECWU2272
□C9
4.8
3.3
1.4
E1
ECWU2332
□C9
4.8
3.3
1.4
E1
ECWU2392
□C9
4.8
3.3
1.4
E1
ECWU2472
□C9
4.8
3.3
1.4
E1
ECWU2562
□C9
4.8
3.3
1.4
E1
ECWU2682
□C9
4.8
3.3
1.4
E1
ECWU2822
□C9
4.8
3.3
1.4
E1
ECWU2103
□C9
4.8
3.3
1.4
E1
ECWU2123
□C9
4.8
3.3
1.4
E1
ECWU2153
□C9
4.8
3.3
1.4
E1
ECWU2183
□C9
4.8
3.3
2.0
E2
ECWU2223
□C9
4.8
3.3
2.0
E2
ECWU2273
□C9
4.8
3.3
2.4
E3a
ECWU2333
□C9
4.8
3.3
2.8
E3
ECWU2393
□C9
6.0
4.1
2.0
D2
ECWU2473
□C9
6.0
4.1
2.4
D3
ECWU2563
□C9
6.0
4.1
2.8
D4
ECWU2683
□C9
6.0
4.1
3.2
D5
ECWU2823
□C9
6.0
5.0
3.2
B
ECWU2104
□C9
6.0
5.0
3.8
B
ECWU2124
□C9
6.0
5.0
4.5
B
3000
2000
3000
2000
1500
ECWU1123
□C9
4.8
3.3
1.4
E1
ECWU1153
□C9
4.8
3.3
1.4
E1
ECWU1183
□C9
4.8
3.3
1.4
E1
ECWU1223
□C9
4.8
3.3
1.4
E1
ECWU1273
□C9
4.8
3.3
1.4
E1
ECWU1333
□C9
4.8
3.3
1.4
E1
ECWU1393
□C9
4.8
3.3
1.4
E1
ECWU1473
□C9
4.8
3.3
2.0
E2
ECWU1563
□C9
4.8
3.3
2.0
E2
ECWU1683
□C9
4.8
3.3
2.4
E3a
ECWU1823
□C9
4.8
3.3
2.8
E3
ECWU1104
□C9
6.0
4.1
1.8
D1
ECWU1104V33
4.8
3.3
2.8
E3
ECWU1124
□C9
6.0
4.1
2.4
D3
ECWU1154
□C9
6.0
4.1
2.8
D4
ECWU1184KC9
7.1
5.0
2.0
Z
ECWU1224KC9
7.1
5.0
2.4
Z
ECWU1274KC9
7.1
5.0
2.9
Z
ECWU1334KC9
7.1
5.0
3.5
Z
ECWU1394KCV
7.7
5.5
3.4
X
ECWU1474KCV
7.7
5.5
4.0
X
ECWU1564KCV
9.8
6.3
3.0
V
ECWU1684KCV
9.8
6.3
3.6
V
ECWU1824KCV
9.8
6.3
4.3
V
ECWU1105KCV
9.8
6.3
5.1
V
3000
2000
3000
2000
1500
1000
Rated volt. 100 VDC
Part No
Dimensions (mm)
LW
H
Size
code
Q'ty
Rated volt. 250 VDC
Part No
Dimensions (mm)
LW
H
Size
code
Q'ty
Cap. tol. code
Cap. tol. code
■Taping Specification for Automatic Mounting
Refer to the page of taping specifications.
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
23


Similar Part No. - ECWU2102C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU2102C9 PANASONIC-ECWU2102C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102C9 PANASONIC-ECWU2102C9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - ECWU2102C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com