Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECW-U1563JC9 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ECW-U1563JC9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECW-U1563JC9 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ECW-U1563JC9 Datasheet HTML 5Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 6Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 7Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 8Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 9Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 10Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 11Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 12Page - Panasonic Semiconductor ECW-U1563JC9 Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Panasonic
Caution about Safety in Use
Design,Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Sep. 2008
-11-
2.4.2
Cautions for use of soldering iron
●Be careful that the soldering irons do not directly touch
the main body of the chip film capacitor. In particular,
don’t touch the side (cut section). If touched by the
heated soldering iron, lowering of insulation resistance,
shortcircuit or other characteristic deterioration may
occur.
●Preheat the printed wining board land sufficiently with
the soldering iron, and then solder. Solder without directly
touching the iron tip to the electrode of the capacitor.
●Don’t reuse the products once removed by the soldering
irons.
●Should not mount the chip film capacitors in the mass
production by soldering
iron.
(The temperature
control
is difficult,
and
the
characteristics
may
be deteriorated.)
●Should not resolder with heat directly from
bottom side of P. W. Board. because capacitor will likely
be damaged.
3.
Washing the mounted boards
3.1. Washing of chip type
●Since the chip type capacitor does not
have a coating, components of flux or detergent left over
on the element at the time of washing may be activated
and
invade
into
the
inside
of
the capacitor,
and adverse effects may be caused. Observe the
following cautions.
●In the case of washing, use flux and cream solder with
halogen content of 0.1wt.% or less when mounting.
●In the case of ultrasonic washing, note that peeling of
protective film, electrode separation due to resonance,
or characteristic deterioration may occur depending on
the detergent used or ultrasonic output. Check
carefully beforehand.
●When using a CFC substitute detergent, with the
washing method of spraying detergent (rinsing water)
to
the
substrate
at
high
pressure,
the
protective
film
on
the
element
surface
may
be peeled off due to the water pressure. Check
carefully beforehand.
<Usable detergent and washing method>
(Usable detergent)
Classification
Detergent name
Maker
Alcohol derivative
IPA
(isopropyl alcohol)
(Reagent for general industrial use)
Halogenated hydrocarbon
AK-225AES
Asahi Glass Co.
(Washing method)
Condition
Item
Temperature
Tine
Immersion washing
50 ℃
Within 5 minutes
Steam washing
50 ℃
Within 5 minutes
Ultrasonic washing
50 ℃
Within 5 minutes
<CFC substiture detergent>
As a result of regulation of CFC and chlorine derivative
detergents, many substitute detergents come to be used,
but the performance of the chip type capacitor may be
reduced depending on the type of detergent or washing
condition. Check sufficiently beforehand. Consult us in
advance if planning to use CFC substitute detergent.
<Drying after washing>
Dry after washing so that the detergent is not left over. If
drying is insufficient, the detergent is left over on the
element surface, and the insulation resistance is measured
to be lowered. Dry enough so as not to leave detergent.
3.2. Washing of leaded type
The film capacitor varies significantly in the effect of
washing depending on the structure and material, and
generally it is less affected by CFC or alcohol
derivative washing solvent, and is likely to be affected
by highly polar solvent.
The lead type film capacitor is coated with an epoxy
resin excellent in chemical resistance, and is hardly
affected by detergent, but it is recommended to be
washed for short duration.
Applicability of detergents in film capacitors is listed for
reference.


Similar Part No. - ECW-U1563JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1H473JB5 PANASONIC-ECW-U1H473JB5 Datasheet
55Kb / 2P
   Film Chip Capacitor
ECW-U1H683JB9 PANASONIC-ECW-U1H683JB9 Datasheet
55Kb / 2P
   Film Chip Capacitor
More results

Similar Description - ECW-U1563JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com