Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34250-0051 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34250-0051
Description  MX150 Cable Sealed Female Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34250-0051 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34250-0051 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34250-0051
Status:
Active
Overview:
MX150™ Sealed and Unsealed Connector System
Description:
MX150™ Cable Sealed Female Connector, Single Row, 3 Circuits, Polarization C,
without Connector Position Assurance, Brown
Documents:
3D Model
Product Specification PS-34646-001 (PDF)
Drawing (PDF)
Application Specification AS-34250-100 (PDF)
Product Specification PS-34250-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
34250
Application
Power
Comments
No Connector Position Assurance (CPA), Single Key
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
MX150™ Sealed and Unsealed Connector System
Product Name
MX150™
UPC
756054705544
Physical
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Brown
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester, Polyphenylene Ether Alloy
Net Weight
6.846/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.50mm
Pitch - Termination Interface
4.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
15A
Material Info
Reference - Drawing Numbers
Application Specification
AS-34250-100
Product Specification
PS-34250-000, PS-34646-001
Sales Drawing
SD-34250-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34250Series
Mates With
Direct Connect only
Use With
34083 Tin (Sn) Cable Seal Female Terminal,
34081 Gold (Au) Cable Seal Female
Terminal
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34250-0051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34250-0051 MOLEX4-34250-0051 Datasheet
338Kb / 2P
   4.50mm (.177") Pitch MX150??Cable Sealed Female Connector, Single Row, 3Circuits, Polarization C, without Connector Position Assurance, Single Key, Brown
More results

Similar Description - 34250-0051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34250-0052 MOLEX11-34250-0052 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-3052 MOLEX11-34250-3052 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-0033 MOLEX11-34250-0033 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-3051 MOLEX11-34250-3051 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-0002 MOLEX11-34250-0002 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-0035 MOLEX11-34250-0035 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-0050 MOLEX11-34250-0050 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-3068 MOLEX11-34250-3068 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-3035 MOLEX11-34250-3035 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34250-3066 MOLEX11-34250-3066 Datasheet
43Kb / 1P
   MX150 Cable Sealed Female Connector
34752-0204 MOLEX11-34752-0204 Datasheet
33Kb / 1P
   MX150 Cable Sealed Female Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com