Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE2474B Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQE2474B
Description  Metallized Polyester Film Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2474B Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQE2474B Datasheet HTML 1Page - Panasonic Semiconductor ECQE2474B Datasheet HTML 2Page - Panasonic Semiconductor ECQE2474B Datasheet HTML 3Page - Panasonic Semiconductor ECQE2474B Datasheet HTML 4Page - Panasonic Semiconductor ECQE2474B Datasheet HTML 5Page - Panasonic Semiconductor ECQE2474B Datasheet HTML 6Page - Panasonic Semiconductor ECQE2474B Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC42−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
■Packaging Specifications for Bulk Package
Packing quantity : 100 pcs./bag
Cut lead
●Packaging Specifications
■Taping Specifications for Automatic Insertion
●Taping style
Style
AD
AS
AB
C
D
E
Lead Spacing
5.0 mm
5.0 mm
5.0 mm
5.0 mm
7.5 mm
7.5 mm
❈See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
●Lead Spacing
❈Refer to the page of taping specifications.
P0
Style AS
P
F
Type
Rated
volt.
Cap. range
(µF)
Taping style
AD AS AB B
C
D
E
Packing
suffix
ECQE(B)
250 VDC
125 VAC
0.010 to 0.15
0.010 to 0.68
0.82 to 1.5
0.18 to 0.68
0.82 to 4.7
0.010 to 0.068
0.082 to 0.22
0.27 to 2.7
0.082 to 0.68
0.82 to 2.7
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
Ammo
() B2
() B3
() B3
R() B
R() B
() B2
() B6
() B3
R() B
R() B
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
42


Similar Part No. - ECQE2474B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2474B PANASONIC-ECQE2474B Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQE2474B PANASONIC-ECQE2474B Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQE2474B PANASONIC-ECQE2474B Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQE2474B PANASONIC-ECQE2474B Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQE2474B PANASONIC-ECQE2474B Datasheet
574Kb / 16P
   Plastic Film Capacitors
11-Oct-17
More results

Similar Description - ECQE2474B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com