Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCO680700-5 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DCO680700-5
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCO680700-5 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DCO680700-5 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCO680700-5 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCO680700-5 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6760 - 7000 MHz
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL:
DCO680700-5
OPTIMIZED BANDWIDTH
[ 1 of 3 ]
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
Patents : http://www.synergymwave.com/patents
FEATURES:
Miniature Size, Surface Mount (0.3"x0.3")
Superb Phase Noise Performance
Optimized Narrow Band Tuning
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
1000
10000
100000
1000000
10000000
100000000
Offset Frequency (Hz)
6805.78 MHz
6872.36 MHz
7003.52 MHz
SPECIFICATIONS (Rev. B 04/18/14)
Frequency
6760 - 7000 MHz
Tuning Voltage
0.5 - 5 V
Bias Voltage
+5 VDC @ 35 mA (Max.)
Output Power
0 dBm (Min.)
Tuning Sensitivity
65 - 95 MHz/V (Typ.)
Output Impedance
50 Ohms (Nom.)
Harmonic Suppression
32 dB (Typ.)
Frequency Pulling
12 MHz (Typ. @ 1.75:1 VSWR)
Frequency Pushing
12 MHz/V (Typ.)
Tuning Port Capacitance
10 pF (Typ.)
Typical Phase Noise
Offset
dBc/Hz
10 kHz
-88
100 kHz
-109
Operating Temperature Range
-40 to +85 °C
Absolute Maximum Ratings
Storage Temp. Range
-55 to +125 ºC
Bias Voltage
+5.5 V
Tuning Voltage
+12 V
DC Voltage Applied to RF Out
± 25 V
Package #
364
0 .0 0 0
0 .0 8 0
0 .2 0 0
0 .3 4 0
0 .1 4 0
0 .0 0 0
0 .0 6 0
0 .1 2 0
0 .1 8 0
0 .3 0 0
0 .2 3 0
0 .1 1 0


Similar Part No. - DCO680700-5

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCO6080-3 SYNERGY-DCO6080-3 Datasheet
313Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCO608634-3 SYNERGY-DCO608634-3 Datasheet
326Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCO608634-5 SYNERGY-DCO608634-5 Datasheet
329Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCO615712-5 SYNERGY-DCO615712-5 Datasheet
483Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCO676700-5 SYNERGY-DCO676700-5 Datasheet
334Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCO680700-5

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com