Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDR-120-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # WDR-120-12
Description  120W Single Output Industrial DIN RAIL Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

WDR-120-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  WDR-120-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. WDR-120-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. WDR-120-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:WDR-120-SPEC2010-12-07
CaseNo.992BUnit:mm
BlockDiagram
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3
4
3
Assignment
Assignment
FG
AC/L1
AC/L2
DCOUTPUT -V
DCOUTPUT+V
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
RelayContact
DCOKRelayContact
ContactClose
PSUturnson/DCOK.
PSUturnsoff/DCFail.
30V/1A resistiveload.
ContactOpen
ContactRatings(max.)
120WSingleOutputIndustrialDINRAIL PowerSupply
W D R - 1 2 0 series
DCOK
O.V.P.
O.T.P.
CONTROL
FG
I/P
-V
+V
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
FILTER
EMI
O.L.P.
DETECTION
CIRCUIT
PWM
CURRENT
LIMIT
2
3
1
2
3
4
1
125.2
TB1
TB2


Similar Part No. - WDR-120-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WDR-120-12 MEANWELL-WDR-120-12 Datasheet
339Kb / 3P
   120W Single Output Industrial DIN RAIL Power Supply
More results

Similar Description - WDR-120-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
WDR-120 MEANWELL-WDR-120 Datasheet
339Kb / 3P
   120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120_09 Datasheet
277Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
WDR-120 TOTAL-POWER-WDR-120 Datasheet
411Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
DRH-120 TOTAL-POWER-DRH-120 Datasheet
317Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Altech corporation
PS120 ALTECH-PS120_1 Datasheet
92Kb / 2P
   120W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-120 MEANWELL-DR-120 Datasheet
117Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120 Datasheet
252Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120_11 Datasheet
277Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DR-120 TOTAL-POWER-DR-120_17 Datasheet
202Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
DR-120 TOTAL-POWER-DR-120 Datasheet
373Kb / 2P
   120W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com