Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WA04X330JTL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WA04X330JTL
Description  General purpose chip resistors array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WA04X330JTL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WA04X330JTL Datasheet HTML 1Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 2Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 3Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 4Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 5Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 6Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 7Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 8Page - List of Unclassifed Manufacturers WA04X330JTL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Approval sheet
Page 1 of 9
ASC_WA04/06_V15
Oct.2010
WA04, WA06
±±±±1%, ±±±±5%, Convex Type & Concave Type
General purpose chip resistors array
Size 0402x2 (4p2R)
Size 0402x4, 0603x4 (8p4R)
Size 0602x8 (16p8R)
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WA04X330JTL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WA04X3742FBL WALSIN-WA04X3742FBL Datasheet
577Kb / 9P
   Higher component and equipment reliability
WA04X3742FGL WALSIN-WA04X3742FGL Datasheet
577Kb / 9P
   Higher component and equipment reliability
WA04X3742FTL WALSIN-WA04X3742FTL Datasheet
577Kb / 9P
   Higher component and equipment reliability
WA04X3742JBL WALSIN-WA04X3742JBL Datasheet
577Kb / 9P
   Higher component and equipment reliability
WA04X3742JGL WALSIN-WA04X3742JGL Datasheet
577Kb / 9P
   Higher component and equipment reliability
More results

Similar Description - WA04X330JTL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WA06X220 ETC2-WA06X220 Datasheet
589Kb / 9P
   General purpose chip resistors array
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com