Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VUO68-08NO7 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUO68-08NO7
Description  Standard Rectifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO68-08NO7 Datasheet(HTML) 2 Page - IXYS Corporation

  VUO68-08NO7 Datasheet HTML 1Page - IXYS Corporation VUO68-08NO7 Datasheet HTML 2Page - IXYS Corporation VUO68-08NO7 Datasheet HTML 3Page - IXYS Corporation VUO68-08NO7 Datasheet HTML 4Page - IXYS Corporation VUO68-08NO7 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VUO68-08NO7
V
=
V
A²s
A²s
A²s
A²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.15
R
1.1 K/W
R
min.
70
VRSM
V
40
T
= 25°C
VJ
T
=
°C
VJ
mA
1.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
105
P
tot
110
W
T
= 25°C
C
R
K/W
0.4
20
800
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.50
T
= 25°C
VJ
150
V
F0
V
0.82
T
=
°C
VJ
150
rF
12.2
mΩ
V
1.12
T
=
°C
VJ
I =
A
F
V
20
1.39
I =
A
F
60
I =
A
F
60
threshold voltage
slope resistance
for power loss calculation only
µA
125
VRRM
V
800
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
10
junction capacitance
V =
V;
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
150
300
325
325
315
A
A
A
A
255
275
450
440
800
DAV
d =
rectangular
bridge output current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
900
IXYS reserves the right to change limits, conditions and dimensions.
20140226b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2014 IXYS all rights reserved


Similar Part No. - VUO68-08NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO68-12NO7 IXYS-VUO68-12NO7 Datasheet
183Kb / 5P
   Standard Rectifier Module
VUO68-14NO7 IXYS-VUO68-14NO7 Datasheet
183Kb / 5P
   Standard Rectifier Module
More results

Similar Description - VUO68-08NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO52-16NO1 IXYS-VUO52-16NO1 Datasheet
154Kb / 5P
   Standard Rectifier Module
VUO35-08NO7 IXYS-VUO35-08NO7 Datasheet
144Kb / 5P
   Standard Rectifier Module
VBO52-18NO7 IXYS-VBO52-18NO7 Datasheet
165Kb / 5P
   Standard Rectifier Module
VBO78-16NO7 IXYS-VBO78-16NO7 Datasheet
143Kb / 5P
   Standard Rectifier Module
VUO122-14NO7 IXYS-VUO122-14NO7 Datasheet
145Kb / 5P
   Standard Rectifier Module
MDD72-12N1B IXYS-MDD72-12N1B Datasheet
408Kb / 6P
   Standard Rectifier Module
MDD72-16N1B IXYS-MDD72-16N1B Datasheet
408Kb / 6P
   Standard Rectifier Module
MDD95-12N1B IXYS-MDD95-12N1B Datasheet
418Kb / 6P
   Standard Rectifier Module
MDD172-14N1 IXYS-MDD172-14N1 Datasheet
197Kb / 6P
   Standard Rectifier Module
MDD142-14N1 IXYS-MDD142-14N1 Datasheet
196Kb / 6P
   Standard Rectifier Module
MDNA65P2200TG IXYS-MDNA65P2200TG Datasheet
272Kb / 5P
   Standard Rectifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com