Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPG3312X Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # VRPG3312X
Description  Bi-color 3 Round Shape Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VRPG3312X Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  VRPG3312X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VRPG3312X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Page 1
3312X Series
Bi-color φ3 Round Shape Type
Recommended Applications
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
・Outer Dimension φ3 Round shape type
・Operation temperature range.
Storage Temperature
:-30℃~100℃
Operating Temperature
:-30℃~85℃
・Lead–free soldering compatible
・RoHS compliant
Dominant wavelength
Green
: 558nm (BG)
: 567nm (PG)
Yellow Green
: 572nm (PY)
Red
: 624nm (VR)
Product features
Half Intensity Angle
Die materials
BG,PG,PY : GaP
VR : GaAsP
BG : 67 deg.,
PG : 68 deg.
PY : 64 deg.,
VR : 59 deg.
Features
Package
Bi-color φ3 Round shape type,
Milky White Diffused epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
2012.11.09


Similar Part No. - VRPG3312X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VRPG3312X STANLEY-VRPG3312X Datasheet
373Kb / 12P
   Lead?밼ree soldering compatible
More results

Similar Description - VRPG3312X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
5614S STANLEY-5614S Datasheet
305Kb / 18P
   Bi-color ?5 Round Shape Type
VRBG5614S STANLEY-VRBG5614S_12 Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
KR3308S STANLEY-KR3308S Datasheet
183Kb / 12P
   Single Color ?3 Round Shape Type
3338S STANLEY-3338S Datasheet
411Kb / 33P
   Single Color ?3 Round Shape Type
EMPG3338S STANLEY-EMPG3338S Datasheet
2Mb / 33P
   Single Color 3 Round Shape Type
KR3302X STANLEY-KR3302X Datasheet
182Kb / 12P
   Single Color ?3 Round Shape Type
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K Datasheet
346Kb / 21P
   Bi-color Rectangular Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com