Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKU5310EPI Datasheet(PDF) 10 Page - Ericsson

Part # PKU5310EPI
Description  DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKU5310EPI Datasheet(HTML) 10 Page - Ericsson

Back Button PKU5310EPI Datasheet HTML 6Page - Ericsson PKU5310EPI Datasheet HTML 7Page - Ericsson PKU5310EPI Datasheet HTML 8Page - Ericsson PKU5310EPI Datasheet HTML 9Page - Ericsson PKU5310EPI Datasheet HTML 10Page - Ericsson PKU5310EPI Datasheet HTML 11Page - Ericsson PKU5310EPI Datasheet HTML 12Page - Ericsson PKU5310EPI Datasheet HTML 13Page - Ericsson PKU5310EPI Datasheet HTML 14Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
7 (14)
Prepared (also subject responsible if other)
No.
MICMALE
2/1301-BMR 660 00+ Uen
Approved
Checked
Date
Rev
Reference
EAB/FJB/GMF (Natalie Johansson)
See § 1
2009-04-07
D
5 V/7 A Typical Characteristics
PKU 5311E PI
Start-up
Shut-down
Start-up enabled by connecting VI at:
TP1 = +25°C, VI = 53 V,
IO = 7 A load.
Top trace: output voltage (2 V/div.).
Bottom trace: input voltage (50 V/div.).
Time scale: (5 ms/div.).
Shut-down enabled by disconnecting VI at:
TP1 = +25°C, VI = 53 V,
IO = 7 A resistive load.
Top trace: output voltage (2 V/div.).
Bottom trace: input voltage (20 V/div.).
Time scale: (2 ms/div.).
Output Ripple & Noise
Output Load Transient Response
Output voltage ripple at:
TP1 = +25°C, VI = 53 V,
IO = 7 A resistive load.
Trace: output voltage (20 mV/div.).
Time scale: (2 µs/div.).
Additional Co =220uF
Output voltage response to load current step-
change (1.75 –5.25 - 1. 75 A) at:
TP1 =+25°C, VI = 53 V, Co = 690 µF
Top trace: output voltage (200 mV/div.).
Bottom trace: load current (2 A/div.).
Time scale: (0.5 ms/div.).
Output Voltage Adjust (see operating information)
Passive adjust
The resistor value for an adjusted output voltage is calculated by using
the following equations:
Output Voltage Adjust Upwards, Increase:
()
⎟⎟
⎜⎜
Δ
Δ
×
Δ
+
×
=
22
.
10
%
511
%
225
.
1
%
100
0
.
5
11
.
5
Radj
k
Ω
Example: Increase 4% =>VO = 5.2 Vdc
()
⎟⎟
⎜⎜
×
+
×
22
.
10
4
511
4
225
.
1
4
100
0
.
5
11
.
5
k
Ω = 404 kΩ
Active adjust
The output voltage may be adjusted using a voltage applied to the
Vadj pin. This voltage is calculated by using the following equations:
⎟⎟
⎜⎜
×
+
=
0
.
5
0
.
5
45
.
2
225
.
1
desired
V
Vadj
V
Example: Upwards => 5.2 V
⎟⎟
⎜⎜
×
+
0
.
5
0
.
5
2
.
5
45
.
2
225
.
1
V = 1.323 V
E
PKU 5000E series
DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
EN/LZT 146 391 R4B May 2009
© Ericsson AB
Technical Specification
10


Similar Part No. - PKU5310EPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
PKU4913DPI ETC2-PKU4913DPI Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
More results

Similar Description - PKU5310EPI

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Ericsson
PKY2616PIM ERICSSON-PKY2616PIM Datasheet
595Kb / 17P
   PKY 2000 PI series DC/DC converters, Input 18-36 V, Output 21.5 A/600 W
logo
Texas Instruments
PTMA403033 TI-PTMA403033 Datasheet
1Mb / 33P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Ericsson
PKV3313PI ERICSSON-PKV3313PI Datasheet
1Mb / 21P
   DC/DC converter Input 9-36 and 18-72 Vdc Output up to 0.5A/3W
logo
Bel Fuse Inc.
SRBC-10AXX0 BEL-SRBC-10AXX0 Datasheet
156Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com