Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4532CD646EF-A10 Datasheet(PDF) 8 Page - NEC

Part # MC-4532CD646EF-A10
Description  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4532CD646EF-A10 Datasheet(HTML) 8 Page - NEC

Back Button MC-4532CD646EF-A10 Datasheet HTML 4Page - NEC MC-4532CD646EF-A10 Datasheet HTML 5Page - NEC MC-4532CD646EF-A10 Datasheet HTML 6Page - NEC MC-4532CD646EF-A10 Datasheet HTML 7Page - NEC MC-4532CD646EF-A10 Datasheet HTML 8Page - NEC MC-4532CD646EF-A10 Datasheet HTML 9Page - NEC MC-4532CD646EF-A10 Datasheet HTML 10Page - NEC MC-4532CD646EF-A10 Datasheet HTML 11Page - NEC MC-4532CD646EF-A10 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
MC-4532CD646
Data Sheet M13681EJ4V0DS00
Synchronous Characteristics
Parameter
Symbol
-A 80
-A 10
Unit
Note
MIN.
MAX.
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
8
(125 MHz)
10
(100 MHz)
ns
/CAS latency = 2
tCK2
10
(100 MHz)
13
(77 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
66
ns
1
/CAS latency = 2
tAC2
67
ns
1
CLK high level width
tCH
33
ns
CLK low level width
tCL
33
ns
Data-out hold time
tOH
33
ns
1
Data-out low-impedance time
tLZ
00
ns
Data-out high-impedance time /CAS latency = 3
tHZ3
36
36
ns
/CAS latency = 2
tHZ2
36
37
ns
Data-in setup time
tDS
22
ns
Data-in hold time
tDH
11
ns
Address setup time
tAS
22
ns
Address hold time
tAH
11
ns
CKE setup time
tCKS
22
ns
CKE hold time
tCKH
11
ns
CKE setup time (Power down exit)
tCKSP
22
ns
Command (/CS0 - /CS3, /RAS, /CAS, /WE,
DQMB0 - DQMB7) setup time
tCMS
22
ns
Command (/CS0 - /CS3, /RAS, /CAS, /WE,
DQMB0 - DQMB7) hold time
tCMH
11
ns
Note 1. Output load
Output
Z = 50
50 pF
Remark These specifications are applied to the monolithic device.
5


Similar Part No. - MC-4532CD646EF-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD646EF-A10 ELPIDA-MC-4532CD646EF-A10 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4532CD646EF-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com