Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT2133-25 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GT2133-25
Description  C M O S P o s i t i v e V o l t a g e R e g u l a t o r
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GT2133-25 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GT2133-25 Datasheet HTML 1Page - E-Tech Electronics LTD GT2133-25 Datasheet HTML 2Page - E-Tech Electronics LTD GT2133-25 Datasheet HTML 3Page - E-Tech Electronics LTD GT2133-25 Datasheet HTML 4Page - E-Tech Electronics LTD GT2133-25 Datasheet HTML 5Page - E-Tech Electronics LTD GT2133-25 Datasheet HTML 6Page - E-Tech Electronics LTD GT2133-25 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ISSUED DATE :2006/01/26
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GT2133-15
3C152
XXXX
1.5V
GT2133-18
3C182
XXXX
1.8V
GT2133-25
3C252
XXXX
2.5V
GT2133-27
3C272
XXXX
2.7V
GT2133-28
3C282
XXXX
2.8V
GT2133-29
3C292
XXXX
2.9V
GT2133-30
3C302
XXXX
3.0V
GT2133-31
3C312
XXXX
3.1V
GT2133-33
3C332
XXXX
3.3V
GT2133-34
3C342
XXXX
3.4V
GT2133-35
3C352
XXXX
3.5V
GT2133-36
3C362
XXXX
3.6V
GT2133-37
3C372
XXXX
3.7V
GT2133-38
3C382
XXXX
3.8V
GT2133-2H
3C2H2
XXXX
2.85V
Detailed Description
The GT2133 family of COMS regulators contain a PMOS pass transistor, voltage reference, error amplifier,
over-current protection, thermal shutdown and Power Good detection circuitry.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
150 : , or the current exceeds 300mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GT2133 switches from voltage mode to current mode when the load exceeds the rated output current.
This prevents over-stress. The GT2133 also incorporates current fold-back to reduce power dissipation when
the output is short circuited. This feature becomes active when the output drops below 0.8 volts, and reduces
the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts.
External Capacitors
The GT2133 is stable with an output capacitance to ground of 2.2 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are
comparatively expensive. One option is to parallel a 0.1 F ceramic capacitor with a 10 F Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should
be at least 0.1 F to have a beneficial effect.
A third capacitor can be connected between the BY-Pass pin and Gnd. This capacitor can be a low cost
Polyester Film variety between the value 0.001 ~ 0.01uF. A large capacitor improves the AC ripple rejection,
but also makes the output come up slowly. This “Soft” turn-on is desirable in some applications to limit turn-on
surges.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the quiescent current is less than 1 A. This pin behaves much
like an electronic switch.
Power Good
The GT2133 includes the Power Good feature. When the output is not within ±15% of the specified voltage, it
pulls low. This can occur under the following conditions:
1) Input Voltage too low.
2) During Over-Temperature.
3) During Over-Current.
4) If output is pulled up.
(Note: PG pin is an open-drain output.)


Similar Part No. - GT2133-25

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GT2133-25

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GT2153 ETL-GT2153 Datasheet
483Kb / 5P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GT2123 ETL-GT2123 Datasheet
478Kb / 8P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146 ETL-GL2146 Datasheet
336Kb / 4P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2136 ETL-GL2136 Datasheet
336Kb / 4P
   C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com