Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN4946 Datasheet(PDF) 3 Page - Stanson Technology

Part # STN4946
Description  Dual N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4946 Datasheet(HTML) 3 Page - Stanson Technology

  STN4946 Datasheet HTML 1Page - Stanson Technology STN4946 Datasheet HTML 2Page - Stanson Technology STN4946 Datasheet HTML 3Page - Stanson Technology STN4946 Datasheet HTML 4Page - Stanson Technology STN4946 Datasheet HTML 5Page - Stanson Technology STN4946 Datasheet HTML 6Page - Stanson Technology STN4946 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST
ST
ST
STN4946
N4946
N4946
N4946
Dual N Channel Enhancement Mode MOSFET
12A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STN4946 2009. V1
3
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Condition
Condition
Condition
Condition
Min
Min
Min
Min Typ
Typ
Typ
Typ Max
Max
Max
Max Unit
Unit
Unit
Unit
Static
Static
Static
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
60
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250 uA
0.8
2.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
TJ=85℃
VDS=60V,VGS=0V
1
uA
VDS=60V,VGS=0V
5
On-State Drain Current
ID(on)
VDS≦5V,VGS=10V
30
0
A
Drain-source On-Resistance
RDS(on)
VGS
=10V, ID=10A
VGS
=4.5V, ID=6A
0.038
0.042
0.044
0.050
Ω
Forward Tran Conductance
gfs
VDS=15V,ID=5.3A
24
S
Diode Forward Voltage
VSD
IS=2.0A,VGS=0V
0.8
1.2
V
Dynamic
Dynamic
Dynamic
Dynamic
Total Gate Charge
Qg
VDS=30V,VGS=10V
ID≡5.3A
10
15
nC
Gate-Source Charge
Qgs
3.5
Gate-Drain Charge
Qgd
3.6
Input Capacitance
Ciss
VDS=15V,VGS=0V
f=1MHz
890
pF
Output Capacitance
Coss
85
Reverse TransferCapacitance
Crss
48
Turn-On Time
td(on)
tr
VDD=30V,RL=6.8Ω
ID=4.4A,VGEN=10V
RG=1Ω
10
15
nS
12
20
Turn-Off Time
td(off)
tf
25
35
10
15


Similar Part No. - STN4946

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4920 STANSON-STN4920 Datasheet
487Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STN4920 DOINGTER-STN4920 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STN4920 VBSEMI-STN4920 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Stanson Technology
STN4920S8RG STANSON-STN4920S8RG Datasheet
487Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
STN4920S8TG STANSON-STN4920S8TG Datasheet
487Kb / 7P
   Dual N Channel Enhancement Mode MOSFET
More results

Similar Description - STN4946

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com