Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNR110A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NNR110A
Description  LIQUID LEVEL CONTROL PUMP UP OR DOWN SWITCH SELECTABLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NNR110A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NNR110A Datasheet HTML 1Page - List of Unclassifed Manufacturers NNR110A Datasheet HTML 2Page - List of Unclassifed Manufacturers NNR110A Datasheet HTML 3Page - List of Unclassifed Manufacturers NNR110A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CONTROLS
CONTROLS
Products and specifications subject to change without notice.
Order/Technical Support – Tel: (800) 677-5311 / FAX: (800) 677-3865 / www.crouzet-usa.com
2/74
NRU SERIES
LIQUID LEVEL CONTROL
PUMP UP
UL listed
CSA recognized
• LED Relay Indicator
• Three Styles
• Pump Up Control
• 4.7 kΩ to 100 kΩ Sensitivity
• 10 Amp SPDT Relay
SPECIFICATIONS:
Input Power
. . . . . . . . . . . . . . .24, 48, 110, 220 VAC, ±15% (50/60 Hz)
Maximum voltage . . . . . . . . . . .24 VAC: 1.5 VA
48 VAC: 1.7 VA
110 VAC: 2 VA
220 VAC: 2 VA
Output
. . . . . . . . . . . . . . . . . . .SPDT Relay
Contact material
. . . . . . . . . . .AgCdO
Maximum loading
. . . . . . . . . .10A AC resistive
8A DC resistive
Maximum switching voltage
. .250 VAC
80 VDC
Maximum power rating
. . . . . .2500 VA
80 W
Electrical life
. . . . . . . . . . . . . .2 x 105 at 2200 VA resistive load
Mechanical life . . . . . . . . . . . . .3 x 107 operations
Probe isolation . . . . . . . . . . . . .Electrodes: 2000 VAC
Probe sensitivity
. . . . . . . . . . .4.7 K to 100 K ohms
Probe voltage . . . . . . . . . . . . . .24 VAC, 60 Hz
Probe current . . . . . . . . . . . . . .2 mA max.
Operating temperature
. . . . . .+14°F to +140°F
-10°C to +60°C
Weight
. . . . . . . . . . . . . . . . . . .7 oz. (200g)
Note: The cable for probes (max 300ft) should be run in separate conduit. A
shielded cable is recommended.
MOUNTING
D = DIN-rail mounting
L = 11 pin plug-in
P = 8 pin plug-in
SERIES
NRU
P
MOUNTING
NRU
SERIES
220D
INPUT POWER
INPUT POWER
24A = 24VAC
48A = 48VAC
110A = 110VAC
220A = 220VAC
WIRING DIAGRAM:
ORDERING INFORMATION:
Control of conductive liquids (tap water, sea water, sewage,
chemical solutions, coffee, ice cream, etc.)
The relay is energized when the level falls below the low level
probe. It de-energizes when the high level probe is reached.
The NRU will also control a single level. In this case, a single
probe is used and the relay operates when the probe is not
immersed. The Max terminal is connected to common with a
jumper.
In either case, a common electrode is needed if the container
is non-conductive.
11
12 14
C
R
1
2
3
4
5
6
7
8
9
10
11
1
2
3
45
6
7
8
DNRU
PNRU
LNRU
A1
A2
RR
S
S
S
Max C
C
Max
min
Max
˜
˜
min
min
R
S
LEVEL
Max
min
R
S
LEVEL
t
0


Similar Part No. - NNR110A

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NNR100M100V8x125F NIC-NNR100M100V8x125F Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR100M16V5x11F NIC-NNR100M16V5x11F Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR100M25V5x11F NIC-NNR100M25V5x11F Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR100M35V5x11F NIC-NNR100M35V5x11F Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR100M50V63x11F NIC-NNR100M50V63x11F Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - NNR110A

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
Littelfuse
PC-XXX-LLC-CZ LITTELFUSE-PC-XXX-LLC-CZ Datasheet
265Kb / 2P
   Liquid level control
2019 Rev: 2-B-043019
logo
Magnetrol International...
P6-11G3A-PAA MAGNETROL-P6-11G3A-PAA Datasheet
1Mb / 60P
   Liquid Level Control
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-3041 AVAGO-AMMC-3041 Datasheet
520Kb / 5P
   Up or Down Conversion
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
CD54HC190 TI1-CD54HC190_15 Datasheet
1Mb / 31P
[Old version datasheet]   SYNCHORONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com