Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAG02Z270K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LAG02Z270K
Description  AXIAL LEADED INDUCTORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAG02Z270K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LAG02Z270K Datasheet HTML 1Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 2Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 3Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 4Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 5Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 6Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 7Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 8Page - List of Unclassifed Manufacturers LAG02Z270K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
295
外形寸法 EXTERNAL DIMENSIONS
5
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
P.296
P.301
P.303
P.336
P.10
VD
VA
VB
KR
KH
概略バリエーション AVAILABLE INDUCTANCE RANGE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
LAL/LAP02
LAN02
LAL03
LAL04
LAL05
Type
Range
0.12
0.22
0.22
0.1
1
10
100
1000
0.22
1000
1000
220
470
12
220
TB
TA
NA
NA
Type
Dimensions[mm]finchg
テーピング Taped
単品Bulk
L
B
D
B
d
ストレートStraight
フォーミングFormed
ストレートStraight
フォーミングFormed
LAL02
3.4max
2.3max
0.5M0.05
EEE
f
0.134maxgf0.091maxgf0.020M0.002g
LAP02
3.4max
2.3max
f
0.134maxgf0.091maxg
0.45M0.05
EEE
EEE
LAN02
3.6max
2.4max
f
0.018M0.002g
f
0.142maxgf0.094maxg
LAL03
7.0max
2.6
  
F0.5M0.05
f
0.276maxgf0.102
    gf0.020M0.002g
LAL04
9.8max
4.0max
0.65M0.05
EEE
f
0.386maxgf0.157maxgf0.026M0.002g
LAL05
14.0max
5.5max
0.65M0.05
EEE
EEE
EEE
f
0.551maxgf0.217maxgf0.026M0.002g
920
500
275
0.19
0.58
1.8
270
160
90
0.8
2.5
7.0
500
280
120
0.32
1.0
5.6
370
0.55
270
0.8
2.5
12
160
44
Pitch
D5mm
(0.197)
TA
SK
KB
TB
TB
NA
TB
Unit
Dmmfinchg
J
0.1
K
0.2
J
0.004
K
0.008
FVBD0.6M0.05
f
0.024M0.002g
Imax[mA]
Rdc max[E] Imax[mA]
Rdc max[E] Imax[mA]
Imax[mA]
Rdc max[E]
Rdc max[E] Imax[mA]
Rdc max[E]
40
33.0
100
14.0
Inductance
Imax
[mA] Rdcmax[E] Imax[mA] Rdcmax[E] Imax[mA] Rdcmax[E] Imax[mA] Rdcmax[E] Imax[mA] Rdcmax[E]
1AH
270
0.8
500
0.32
270
0.8
920
0.19
      E
10AH
160
2.5
280
1.0
160
2.5
500
0.58
      E
100AH4412
120
5.6
90
7.0
275
1.8
370
0.55
1000AH
EE
40
33.0
100
14.0
E
Pitch
D5mm(0.197)
2.5mm(0.098)
Pitch
D5mm
(0.197)
Pitch
D10mm
(0.394)
Pitch
D5mm(0.197)
12.5mm(0.492)
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
etc
P.354


Similar Part No. - LAG02Z270K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAG5AP OSRAM-LAG5AP Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
LAG5AP-CXDX-24-1 OSRAM-LAG5AP-CXDX-24-1 Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
LAG5AP-CXDX-24-1- OSRAM-LAG5AP-CXDX-24-1- Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear
LAG5AP-CZDZ-24-1 OSRAM-LAG5AP-CZDZ-24-1 Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear
LAG5AP-CZDZ-24-1 OSRAM-LAG5AP-CZDZ-24-1 Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
More results

Similar Description - LAG02Z270K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com