Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ574 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SJ574
Description  Silicon P Channel MOS FET High Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ574 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SJ574 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ574
4
-1.0
-0.8
-0.6
-0.4
-0.2
0
-2
-4
-6
-8
-10
5
4
3
2
1
–40
0
40
80
120
160
0
-150mA
-50m A
Pulse Test
Pulse Test
V
= -4V
GS
-50m A, -150m A
I
= -300mA
-50m A, -150m A, -300m A
I
= -300m A
D
-10V
D
Gate to Source Voltage
V
(V)
GS
Drain to SOurce Saturation Voltage
vs. Gate to Source Voltage
-0.1
-0.5
-0.2
50
10
1.0
-1.0
V
= -10 V
GS
-4 V
Pulse Test
0.05
2
5
20
Drain Current
I
(A)
D
Static Drain to Source on State
Resistance vs. Drain Current
Case Temperature
Tc
( °C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
5
1.0
0.1
0.05
0.2
0.5
2
-0.1
-0.5
-.0.2
-1.0
Drain Current
I
(A)
D
Tc = –25 °C
75 °C
V
= -10 V
Pulse Test
DS
25 °C


Similar Part No. - 2SJ574

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
VBsemi Electronics Co.,...
2SJ574 VBSEMI-2SJ574 Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ574BP91TL VBSEMI-2SJ574BP91TL Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ574BPTL VBSEMI-2SJ574BPTL Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results

Similar Description - 2SJ574

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SJ588 HITACHI-2SJ588 Datasheet
26Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ575 HITACHI-2SJ575 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ587 HITACHI-2SJ587 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ575 RENESAS-2SJ575 Datasheet
167Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ586 RENESAS-2SJ586 Datasheet
158Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
2SJ576 RENESAS-2SJ576 Datasheet
46Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com