Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ574 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SJ574
Description  Silicon P Channel MOS FET High Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ574 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SJ574 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ574 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ574
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
-30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
-300
mA
Drain peak current
I
D(pulse)
Note1
-1.2
A
Body-drain diode reverse drain current
I
DR
-300
mA
Channel dissipation
Pch
Note 2
400
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value on the alumina ceramic board (12.5x20x0.7mm)
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
-30
V
I
D = -100 µA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±5
µAV
GS = ±16 V, VDS = 0
Zero gate voltege drain
current
I
DSS
——-1
µAV
DS = -30 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
-1.3
-2.3
V
I
D = -10µA, VDS = -5 V
Static drain to source on state R
DS(on)
1.1
1.3
I
D = -150 mA,VGS = -10 V
Note 3
resistance
R
DS(on)
2.2
3.1
I
D = -150 mA,VGS = -4 V
Note 3
Forward transfer admittance
|y
fs|
195
300
mS
I
D = -150 mA, VDS = -10 V
Note 3
Input capacitance
Ciss
50
pF
V
DS = -10 V
Output capacitance
Coss
40
pF
V
GS = 0
Reverse transfer capacitance Crss
15
pF
f = 1 MHz
Turn-on delay time
t
d(on)
20—ns
I
D = -150 mA, VGS = -10 V
Rise time
t
r
50—ns
R
L = 66.6 Ω
Turn-off delay time
t
d(off)
110
ns
Fall time
t
f
105
ns
Note:
3. Pulse test
4. Marking is BP


Similar Part No. - 2SJ574

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
VBsemi Electronics Co.,...
2SJ574 VBSEMI-2SJ574 Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ574BP91TL VBSEMI-2SJ574BP91TL Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ574BPTL VBSEMI-2SJ574BPTL Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results

Similar Description - 2SJ574

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SJ588 HITACHI-2SJ588 Datasheet
26Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ575 HITACHI-2SJ575 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ587 HITACHI-2SJ587 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ575 RENESAS-2SJ575 Datasheet
167Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ586 RENESAS-2SJ586 Datasheet
158Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
2SJ576 RENESAS-2SJ576 Datasheet
46Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com