Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5150CJ Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5150CJ
Description  5 V low dropout voltage regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CJ Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5150CJ Datasheet HTML 2Page - STMicroelectronics L5150CJ Datasheet HTML 3Page - STMicroelectronics L5150CJ Datasheet HTML 4Page - STMicroelectronics L5150CJ Datasheet HTML 5Page - STMicroelectronics L5150CJ Datasheet HTML 6Page - STMicroelectronics L5150CJ Datasheet HTML 7Page - STMicroelectronics L5150CJ Datasheet HTML 8Page - STMicroelectronics L5150CJ Datasheet HTML 9Page - STMicroelectronics L5150CJ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Block diagram and pins description
L5150CJ / L5150CS
6/34
Doc ID 15542 Rev. 15
Table 2.
Pins description
Pin name
PowerSSO-12
pin #
SO-8
pin #
Function
Res_Adj
18
Reset adjustable threshold. Connected to an
appropriate external voltage divider, it allows to
properly set the reset threshold down to 3.5 V.
Connect to GND if not needed.
Res
21
Reset output. Internally connected to Vo through a
20 K
Ω pull up resistor. This pin is pulled low when
Vo <Vo_th. Keep open if not needed.
Vcr
32
Reset delay. Connect an external capacitor between
Vcr pin and ground to adjust the reset delay time.
Keep open if not needed.
GND
4
3
Ground reference.
NC
5, 11, 8, 9
-
Not connected.
Vo
64
5 V regulated output. Block to GND with a ceramic
capacitor (Co ≥ 220 nF for regulator stability).
VS
75
Supply voltage, block directly to GND on the IC with a
capacitor.
EWi
10
6
Early warning input. This pin monitors the VS voltage
level through a resistor divider. Connect to VS if not
needed.
EWo
12
7
Early warning output. Internally connected to Vo
through 20 K
Ω pull up resistor. This pin is pulled low
when EWi is below bandgap reference voltage. Keep
open if not needed.
TAB
-
-
TAB is connected to the substrate of the chip: connect
toGND or leave open (see Figure 2 for PowerSSO-12
only).


Similar Part No. - L5150CJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CJ STMICROELECTRONICS-L5150CJ Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
L5150CJ STMICROELECTRONICS-L5150CJ Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - L5150CJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275QKVURQ1 TI-TLE4275QKVURQ1 Datasheet
1Mb / 22P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLE4275-Q1 5-V Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com