Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ551 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SJ551
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ551 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SJ551 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ551 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SJ551(L),2SJ551(S)
3
Main Characteristics
–20
–16
–12
–8
–4
0
–10 V
–2
–4
–6
–8
–10
–6 V
–20
–16
–12
–8
–4
0
Tc = 75°C
25°C
–25°C
–1
–2
–3
–4
–5
80
60
40
20
0
50
100
150
200
–3.5 V
–4 V
–3 V
V
= –2 V
GS
–2.5 V
DS
V
= –10 V
Pulse Test
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
0.1
0.3
1
3
10
30
100
1000
300
100
30
10
3
1
0.3
0.1
Ta = 25 °C
10 µs
100
µs
1 ms
PW
=
10
ms
(1shot)
DC
Operation
(Tc
=
25°C)
Operation in
this area is
limited by R DS(on)
Pulse Test


Similar Part No. - 2SJ551

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551(L) RENESAS-2SJ551(L)_15 Datasheet
114Kb / 11P
   Silicon P Channel MOS FET
2SJ551L RENESAS-2SJ551L Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551L-E RENESAS-2SJ551L-E Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551S RENESAS-2SJ551S Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ551

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com