Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF30U20STU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FFPF30U20STU
Description  Ultrafast with soft recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF30U20STU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFPF30U20STU Datasheet HTML 1Page - Fairchild Semiconductor FFPF30U20STU Datasheet HTML 2Page - Fairchild Semiconductor FFPF30U20STU Datasheet HTML 3Page - Fairchild Semiconductor FFPF30U20STU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C30
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
300
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
1.7
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 30A
I F = 30A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.2
1.0
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
30
300
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =30A, di/dt = 200A/µs)
-
-
-
-
-
-
40
4.0
80
ns
A
nC
WAVL
Avalanche Energy
0.5
-
-
mJ
FFPF30U20S
Features
• Ultrafast with soft recovery
• Low forward voltage
Applications
• Power switching circuits
• Output rectifiers
• Freewheeling diodes
• Switching mode power supply
TO-220F
1
2
1. Cathode
2. Anode


Similar Part No. - FFPF30U20STU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF30U20S FAIRCHILD-FFPF30U20S Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

Similar Description - FFPF30U20STU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF06U20DPTU FAIRCHILD-FFPF06U20DPTU Datasheet
114Kb / 4P
   Ultrafast with soft recovery
FFPF15U20DNTU FAIRCHILD-FFPF15U20DNTU Datasheet
119Kb / 4P
   Ultrafast with soft recovery
FFP04U40DNTU FAIRCHILD-FFP04U40DNTU Datasheet
62Kb / 4P
   Ultrafast with soft recovery
FFA15U40DNTU FAIRCHILD-FFA15U40DNTU Datasheet
80Kb / 4P
   Ultrafast with soft recovery
logo
International Rectifier
AUIRGP65G40D0 IRF-AUIRGP65G40D0 Datasheet
578Kb / 15P
   ULTRAFAST IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
General Semiconductor
UGB8HT GE-UGB8HT Datasheet
39Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10ACT GE-UGF10ACT Datasheet
85Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
logo
International Rectifier
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com