Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR5515 Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # UR5515
Description  1.5A/3A BUS TERMINATION REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR5515 Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  UR5515 Datasheet HTML 1Page - E-Tech Electronics LTD UR5515 Datasheet HTML 2Page - E-Tech Electronics LTD UR5515 Datasheet HTML 3Page - E-Tech Electronics LTD UR5515 Datasheet HTML 4Page - E-Tech Electronics LTD UR5515 Datasheet HTML 5Page - E-Tech Electronics LTD UR5515 Datasheet HTML 6Page - E-Tech Electronics LTD UR5515 Datasheet HTML 7Page - E-Tech Electronics LTD UR5515 Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UR5515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-056,A
TYPICAL APPLICATION CIRCUIT
R1= R2= 100KΩ
COUT(min)=10μF(Ceramic) + 1000μF under the worst case testing condition
CSS=1μF, CIN = 40μF(low ESR), CCNTL= 47μF
APPLICATIONS INFORMATION
Please note the point of thermal shutdown will be degraded by around 20℃while VCNTL equal to 5V compared
with 3.3V. It is highly recommended that to use the 3.3V rail acted as the VCNTL in SOP-8 package. Nevertheless,
this small footprint of PCB for plastic SOP-8 package is not enough to dissipate effectively the heat generated
when operating at high current levels. In order to control die operating temperatures, the PCB layout should allow
for maximum possible copper area at the four VCNTL pins. Besides, an appropriate power plane heat sink must be
used to prevent overstepping maximum junction temperature. The recommended SMT is as below.
The PCB heat sink copper area should be
solder painted without masked. This
approaches a "best case " pad heat sink .
UTC UR5515
(SOP-8)
Use vias to conduct the heat into the
buried or backside of PCB layer.


Similar Part No. - UR5515

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5515 UTC-UR5515 Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-S08-R UTC-UR5515-S08-R Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-S08-T UTC-UR5515-S08-T Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-TN5-R UTC-UR5515-TN5-R Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
UR5515-TN5-T UTC-UR5515-TN5-T Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
More results

Similar Description - UR5515

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5515 UTC-UR5515 Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com